Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F008AT-70TC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49F008AT-70TC
Description  8-megabit (1M x 8/512K x 16) Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F008AT-70TC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49F008AT-70TC Datasheet HTML 1Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 2Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 3Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 4Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 5Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 6Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 7Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 8Page - ATMEL Corporation AT49F008AT-70TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AT49F008A(T)/8192A(T)
4
device is in its standard operating mode. A low level on the
RESET input halts the present device operation and puts
the outputs of the device in a high impedance state. When
a high level is reasserted on the RESET pin, the device
returns to the Read or Standby mode, depending upon the
state of the control inputs. By applying a 12V ± 0.5V input
signal to the RESET pin the boot block array can be repro-
grammed even if the boot block program lockout feature
has been enabled (see Boot Block Programming Lockout
Override section).
ERASURE: Before a byte or word can be reprogrammed, it
must be erased. The erased state of memory bits is a logi-
cal “1”. The entire device can be erased by using the Chip
Erase command or individual sectors can be erased by
using the Sector Erase commands.
CHIP ERASE: The entire device can be erased at one time
by using the 6-byte chip erase software code. After the chip
erase has been initiated, the device will internally time the
erase operation so that no external clocks are required.
The maximum time to erase the chip is t
EC.
If the boot block lockout has been enabled, the Chip Erase
will not erase the data in the boot block; it will erase the
main memory block and the parameter blocks only. After
the chip erase, the device will return to the read or standby
mode.
SECTOR ERASE: As an alternative to a full chip erase, the
device is organized into four sectors that can be individually
erased. There are two 4K word parameter block sections,
one boot block, and the main memory array block. The
Sector Erase command is a six bus cycle operation. The
sector address is latched on the falling WE edge of the
sixth cycle while the 30H data input command is latched at
the rising edge of WE. The sector erase starts after the ris-
ing edge of WE of the sixth cycle. The erase operation is
internally controlled; it will automatically time to completion.
Whenever the main memory block is erased and repro-
grammed, the two parameter blocks should be erased and
reprogrammed before the main memory block is erased
again. Whenever a parameter block is erased and repro-
grammed, the other parameter block should be erased and
reprogrammed before the first parameter block is erased
again. Whenever the boot block is erased and repro-
grammed, the main memory block and the parameter
blocks should be erased and reprogrammed before the
boot block is erased again.
BYTE/WORD PROGRAMMING: Once a memory block is
erased, it is programmed (to a logical “0”) on a byte-by-byte
or word-by-word basis. Programming is accomplished via
the internal device command register and is a 4 bus cycle
operation. The device will automatically generate the
required internal program pulses.
Any commands written to the chip during the embedded
programming cycle will be ignored. If a hardware reset hap-
pens during programming, the data at the location being
programmed will be corrupted. Please note that a data “0”
cannot be programmed back to a “1”; only erase operations
can convert “0”s to “1”s. Programming is completed after
the specified t
BP cycle time. The DATA polling feature may
also be used to indicate the end of a program cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The device
has one designated block that has a programming lockout
feature. This feature prevents programming of data in the
designated block once the feature has been enabled. The
size of the block is 8K words. This block, referred to as the
boot block, can contain secure code that is used to bring up
the system. Enabling the lockout feature will allow the boot
code to stay in the device while data in the rest of the
device is updated. This feature does not have to be acti-
vated; the boot block’s usage as a write protected region is
optional to the user. The address range of the boot block is
00000H to 03FFFH for the AT49F008A; FC000H to
FFFFFH for the AT49F008AT; 00000H to 01FFFH for the
AT 49F 81 92A; an d 7 E 000H t o 7F F F F H for the
AT49F8192AT.
Once the feature is enabled, the data in the boot block can
no longer be erased or programmed when input levels of
5.5V or less are used. Data in the main memory block can
still be changed through the regular programming method.
To activate the lockout feature, a series of six program
commands to specific addresses with specific data must be
performed. Please refer to the Command Definitions table.
BOOT BLOCK LOCKOUT DETECTION: A software
method is available to determine if programming of the boot
block section is locked out. When the device is in the soft-
ware product identification mode (see Software Product
Identification Entry and Exit sections) a read from the fol-
lowing address location will show if programming the boot
block is locked out—00002H for the AT49F008A and
AT49F8192A; FC002H for the AT49F008AT; and 7E002H
for the AT49F8192AT. If the data on I/O0 is low, the boot
block can be programmed; if the data on I/O0 is high, the
program lockout feature has been enabled and the block
cannot be programmed. The software product identification
exit code should be used to return to standard operation.
BOOT BLOCK PROGRAMMING LOCKOUT OVERRIDE:
The user can override the boot block programming lockout
by taking the RESET pin to 12 volts during the entire chip
erase, sector erase or word programming operation. When
the RESET pin is brought back to TTL levels the boot block
programming lockout feature is again active.
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algorithm for
the Atmel product.


Similar Part No. - AT49F008AT-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008AT ATMEL-AT49F008AT Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F008AT-70TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com