Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ16GA004 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC24FJ16GA004
Description  PIC24FJXXXGA0XX Flash Programming Specification
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA004 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC24FJ16GA004 Datasheet HTML 6Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 7Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 8Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 9Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 10Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 11Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 12Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 13Page - Microchip Technology PIC24FJ16GA004 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 10
© 2008 Microchip Technology Inc.
2.4
Memory Map
The program memory map extends from 000000h to
FFFFFEh. Code storage is located at the base of the
memory map and supports up to 44K instruction words
(about 128 Kbytes). Table 2-3 shows the program
memory size and number of erase and program blocks
present in each device variant. Each erase block, or
page, contains 512 instructions, and each program
block, or row, contains 64 instructions.
Locations 800000h through 8007FEh are reserved for
executive code memory. This region stores the
programming executive and the debugging executive.
The programming executive is used for device pro-
gramming and the debugging executive is used for
in-circuit debugging. This region of memory can not be
used to store user code.
The last two implemented program memory locations
are reserved for the device Configuration registers.
TABLE 2-2:
FLASH CONFIGURATION
WORD LOCATIONS FOR
PIC24FJXXXGA0XX DEVICES
Locations, FF0000h and FF0002h, are reserved for the
Device ID registers. These bits can be used by the
programmer to identify what device type is being
programmed. They are described in Section 6.1
“Device ID”. The Device ID registers read out
normally, even after code protection is applied.
Figure 2-4
shows
the
memory
map
for
the
PIC24FJXXXGA0XX family variants.
TABLE 2-3:
CODE MEMORY SIZE
Device
Configuration Word
Addresses
12
PIC24FJ16GA
002BFEh
002BFCh
PIC24FJ32GA
0057FEh
0057FCh
PIC24FJ48GA
0083FEh
0083FCh
PIC24FJ64GA
00ABFEh
00ABFCh
PIC24FJ96GA
00FFFEh
00FFFCh
PIC24FJ128GAGA
0157FEh
0157FCh
Device
User Memory
Address Limit
(Instruction Words)
Write
Blocks
Erase
Blocks
PIC24FJ16GA
002BFEh (5.5K)
88
11
PIC24FJ32GA
0057FEh (11K)
176
22
PIC24FJ48GA
0083FEh (16.5K)
264
33
PIC24FJ64GA
00ABFEh (22K)
344
43
PIC24FJ96GA
00FFFEh (32K)
512
64
PIC24FJ128GA
0157FEh (44K)
688
86


Similar Part No. - PIC24FJ16GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ16GA004 MICROCHIP-PIC24FJ16GA004 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ16GA004 MICROCHIP-PIC24FJ16GA004 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ16GA004 MICROCHIP-PIC24FJ16GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA004 MICROCHIP-PIC24FJ16GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA004 MICROCHIP-PIC24FJ16GA004 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ16GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002-ISS MICROCHIP-PIC24FJ16GA002-ISS Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
   PIC32 Flash Programming Specification
2007-2013
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
   Flash Microcontroller Programming Specification
08/04/10 2011
PIC18F26J50-ISO MICROCHIP-PIC18F26J50-ISO Datasheet
619Kb / 32P
   Flash Microcontroller Programming Specification
03/26/09
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com