Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256N-10SU-2.7 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C256N-10SU-2.7
Description  Two-wire Serial EEPROMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256N-10SU-2.7 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C256N-10SU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C256N-10SU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
AT24C128/256
0670T–SEEPR–3/07
Table 4. AC Characteristics – Industrial Temperatures
Notes:
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
R
L (connects to VCC): 1.3 kΩ (2.5V, 5V), 10 kΩ (1.8V)
Input pulse voltages: 0.3 V
CC to 0.7 VCC
Input rise and fall times:
≤50 ns
Input and output timing reference voltages: 0.5 V
CC
3. The Write Cycle Time of 5 ms only applies to the AT24C128/256 devices bearing the process letter “B” on the package (the
mark is located in the lower right corner on the top side of the package).
4. The AT24C128/256 bearing the process letter “B” in the package (the mark is located in the lower right corner on the top
side of the package), guarantees 1 million write cycle endurance (1.8 – 3.6V).
Applicable over recommended operating range from T
AI = 40° C to +85° C, VCC = +1.8V to +5.5V, CL = 100 pF (unless oth-
erwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.8-volt
2.5-volt
5.0-volt
Units
Min
Max
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
100
400
1000
kHz
tLOW
Clock Pulse Width Low
4.7
1.3
0.4
µs
t
HIGH
Clock Pulse Width High
4.0
0.6
0.4
µs
tAA
Clock Low to Data Out Valid
0.1
4.5
0.05
0.9
0.05
0.55
µs
tBUF
Time the bus must be free before a
new transmission can start(1)
4.7
1.3
0.5
µs
tHD.STA
Start Hold Time
4.0
0.6
0.25
µs
tSU.STA
Start Set-up Time
4.7
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
0
µs
tSU.DAT
Data In Set-up Time
200
100
100
ns
tR
Inputs Rise Time(1)
1.0
0.3
0.3
µs
t
F
Inputs Fall Time(1)
300
300
100
ns
tSU.STO
Stop Set-up Time
4.7
0.6
0.25
µs
tDH
Data Out Hold Time
100
50
50
ns
t
WR
Write Cycle Time
20 or 5(3)
10 or 5(3)
10 or 5(3)
ms
Endurance(1)
25°C, Page Mode
100k or 1,000,000(4)
Write
Cycles


Similar Part No. - AT24C256N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C256N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com