Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C04AY1-10YI-1.8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C04AY1-10YI-1.8
Description  Write Protect Pin for Hardware Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04AY1-10YI-1.8 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C04AY1-10YI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C04AY1-10YI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
AT24C02A/04A/08A/16A
0976L–SEEPR–1/04
Note:
1. VIL min and VIH max are reference only and are not tested.
DC Characteristics
Applicable over recommended operating range from: TAI = -40°C to +85°C, VCC = +1.8V to +5.5V, TAE = -40°C to +125°C,
VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.5
5.5
V
VCC3
Supply Voltage
2.7
5.5
V
VCC4
Supply Voltage
4.5
5.5
V
I
CC
Supply Current V
CC = 5.0V
READ at 100 kHz
0.4
1.0
mA
I
CC
Supply Current V
CC = 5.0V
WRITE at 100 kHz
2.0
3.0
mA
I
SB1
Standby Current V
CC = 1.8V
V
IN = VCC or VSS
0.6
3.0
µA
ISB2
Standby Current VCC = 2.5V
VIN = VCC or VSS
1.4
4.0
µA
ISB3
Standby Current VCC = 2.7V
VIN = VCC or VSS
1.6
4.0
µA
ISB4
Standby Current VCC = 5.0V
VIN = VCC or VSS
8.0
18.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level
(1)
-0.6
V
CC x 0.3
V
VIH
Input High Level
(1)
VCC x 0.7
VCC + 0.5
V
VOL2
Output Low Level VCC = 3.0V
IOL = 2.1 mA
0.4
V
VOL1
Output Low Level VCC = 1.8V
IOL = 0.15 mA
0.2
V


Similar Part No. - AT24C04AY1-10YI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C04A ATMEL-AT24C04A Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C04A-10PE-2.7 ATMEL-AT24C04A-10PE-2.7 Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C04A-10PQ-2.7 ATMEL-AT24C04A-10PQ-2.7 Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C04A-10TE-2.7 ATMEL-AT24C04A-10TE-2.7 Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
More results

Similar Description - AT24C04AY1-10YI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com