Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV163A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV163A
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV163A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV163A Datasheet HTML 1Page - ATMEL Corporation AT49BV163A Datasheet HTML 2Page - ATMEL Corporation AT49BV163A Datasheet HTML 3Page - ATMEL Corporation AT49BV163A Datasheet HTML 4Page - ATMEL Corporation AT49BV163A Datasheet HTML 5Page - ATMEL Corporation AT49BV163A Datasheet HTML 6Page - ATMEL Corporation AT49BV163A Datasheet HTML 7Page - ATMEL Corporation AT49BV163A Datasheet HTML 8Page - ATMEL Corporation AT49BV163A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
Single Voltage Read/Write Operation: 2.65V to 3.6V
Fast Read Access Time – 55 ns
Sector Erase Architecture
– Thirty-one 32K Word (64K Bytes) Sectors with Individual Write Lockout
– Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout
Fast Word Program Time – 12 µs
Fast Sector Erase Time – 300 ms
Suspend/Resume Feature for Erase and Program
– Supports Reading and Programming from Any Sector by Suspending Erase
of a Different Sector
– Supports Reading Any Byte/Word in the Non-suspending Sectors by Suspending
Programming of Any Other Byte/Word
Low-power Operation
–12 mA Active
– 13 µA Standby
Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
VPP Pin for Write Protection
RESET Input for Device Initialization
Sector Lockdown Support
TSOP and CBGA Package Options
Top or Bottom Boot Block Configuration Available
128-bit Protection Register
Minimum 100,000 Erase Cycles
Common Flash Interface (CFI)
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT49BV162A(T)/163A(T) is a 2.7-volt 16-megabit Flash memory organized as
1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. The x16 data
appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided
into 39 sectors for erase operations. The device is offered in a 48-lead TSOP and a
48-ball CBGA package. The device has CE and OE control signals to avoid any bus
contention. This device can be read or reprogrammed using a single power supply,
making it ideally suited for in-system programming.
The device powers on in the read mode. Command sequences are used to place the
device in other operation modes such as program and erase. The device has the
capability to protect the data in any sector (see “Sector Lockdown” on page 7).
To increase the flexibility of the device, it contains an Erase Suspend and Program
Suspend feature. This feature will put the erase or program on hold for any amount of
time and let the user read data from or program data to any of the remaining sectors
within the memory. The end of a program or an erase cycle is detected by the
READY/BUSY pin, Data Polling or by the toggle bit.
16-megabit
(1M x 16/2M x 8)
3-volt Only
Flash Memory
AT49BV162A
AT49BV162AT
AT49BV163A
AT49BV163AT
3349H–FLASH–3/05
Not Recommended
for New Design
Contact Atmel to discuss
the latest design in trends
and options


Similar Part No. - AT49BV163A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV163A ATMEL-AT49BV163A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163A-70TI ATMEL-AT49BV163A-70TI Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT ATMEL-AT49BV163AT Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TI ATMEL-AT49BV163AT-70TI Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV163A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com