Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128N-10SU-1.8 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C128N-10SU-1.8
Description  Two-wire Serial EEPROMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128N-10SU-1.8 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C128N-10SU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C128N-10SU-1.8 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
AT24C128/256
0670T–SEEPR–3/07
Table 5. AC Characteristics
(5) – Extended Temperatures
Notes:
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
R
L (connects to VCC): 1.3 kΩ (2.5V, 5V), 10 kΩ (1.8V)
Input pulse voltages: 0.3 V
CC to 0.7 VCC
Input rise and fall times:
≤50 ns
Input and output timing reference voltages: 0.5 V
CC
3. The Write Cycle Time of 5 ms only applies to the AT24C128/256 devices bearing the process letter “B” on the package (the
mark is located in the lower right corner on the top side of the package).
4. The AT24C128/256 bearing the process letter “B” in the package (the mark is located in the lower right corner on the top
side of the package), guarantees 1 million write cycle endurance (1.8 – 3.6V).
5. The AT24C128/256 bearing the process letter “B” on the package (the mark is located in the lower right corner on the top-
side of the package) are approved for operation in the extended temperature range.
Applicable over recommended operating range from T
AE = 40° C to +125° C, VCC = +2.7V to +5.5V, CL = 100 pF (unless
otherwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
2.7-volt
5.0-volt
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1.3
0.4
µs
t
HIGH
Clock Pulse Width High
0.6
0.4
µs
tAA
Clock Low to Data Out Valid
0.05
0.9
0.05
0.55
µs
tBUF
Time the bus must be free before a new
transmission can start(1)
1.3
0.5
µs
tHD.STA
Start Hold Time
0.6
0.25
µs
tSU.STA
Start Set-up Time
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
µs
tSU.DAT
Data In Set-up Time
100
100
ns
tR
Inputs Rise Time(1)
0.3
0.3
µs
t
F
Inputs Fall Time(1)
300
100
ns
tSU.STO
Stop Set-up Time
0.6
0.25
µs
tDH
Data Out Hold Time
50
50
ns
t
WR
Write Cycle Time
10 or 5(3)
10 or 5(3)
ms
Endurance(1)
25°C, Page Mode
100k or 1,000,000(4)
Write
Cycles


Similar Part No. - AT24C128N-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128N-10SU-1.8 ATMEL-AT24C128N-10SU-1.8 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C128N-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com