Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02A-10PI-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C02A-10PI-2.7
Description  Write Protect Pin for Hardware Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A-10PI-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C02A-10PI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
AT24C02A/04A/08A/16A
0976L–SEEPR–1/04
The AT24C08A only uses the A2 input for hardwire addressing and a total of two 8K
devices may be addressed on a single bus system. The A0 and A1 pins are no-
connects.
The AT24C16A does not use the device address pins, which limits the number of
devices on a single bus to one. The A0, A1 and A2 pins are no-connects.
WRITE PROTECT (WP): The AT24C02A/04A/08A/16A have a Write Protect pin that
provides hardware data protection. The Write Protect pin allows normal read/write oper-
ations when connected to ground (GND). When the Write Protect pin is connected to
VCC, the write protection feature is enabled and operates as shown in the following
table.
Memory Organization AT24C02A, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each,
the 2K requires an 8-bit data word address for random word addressing.
AT24C04A, 4K SERIAL EEPROM: The 4K is internally organized with 32 pages of 16
bytes each. Random word addressing requires a 9-bit data word address.
AT24C08A, 8K SERIAL EEPROM: The 8K is internally organized with 64 pages of 16
bytes each. Random word addressing requires a 10-bit data word address.
AT24C16A, 16K SERIAL EEPROM: The 16K is internally organized with 128 pages of
16 bytes each. Random word addressing requires an 11-bit data word address.
Note:
1. This parameter is characterized and is not 100% tested.
WP Pin Status
Part of the Array Protected
24C02A
24C04A
24C08A
24C16A
At VCC
Upper Half
(1K) Array
Upper Half
(2K) Array
Full (8K)
Array
Full (16K)
Array
At GND
Normal Read/Write Operations
Pin Capacitance
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V.
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
C
IN
Input Capacitance (A
0, A1, A2, SCL)
6
pF
V
IN = 0V


Similar Part No. - AT24C02A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A-10PI-2.7 ATMEL-AT24C02A-10PI-2.7 Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C02A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02C ATMEL-AT34C02C_14 Datasheet
412Kb / 18P
   Hardware Write Protection for the Entire Array
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com