Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7844AEFV-LBE2 Datasheet(PDF) 8 Page - Rohm

Part # BD7844AEFV-LBE2
Description  16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7844AEFV-LBE2 Datasheet(HTML) 8 Page - Rohm

Back Button BD7844AEFV-LBE2 Datasheet HTML 4Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 5Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 6Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 7Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 8Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 9Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 10Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 11Page - Rohm BD7844AEFV-LBE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/15
Datasheet
Datasheet
BD7844AEFV-LB
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0CZ10310-1-2
26.Feb.2014 Rev.002
Function explaining - continued
1-2. Slave address for all call
[1011000] is used as a slave address for all call. (Figure 4)
1
0
1
1
0
0
0
R/W
Figure 4. Slave address for all call
All BD7844AEFV-LB on the bus can control in the command at the same time by the slave address for all call. It enters
the state that can respond to all call when power supply (VDD) is turned on.
It can be selected not to respond when the ALL CALL bit of mode1 register is set to logic “0”.
Because the register data is returned from all BD7844AEFV-LB on the bus when the last R/W bit of the slave address
byte is set to logic "1" (read) when the slave address for all calls is used, the master cannot read the register data of
specific BD7844AEFV-LB.
Please use a usual slave address to read the register data of specific BD7844AEFV-LB.
1-3. Slave address for software reset
[1011011] is used as a slave address for software reset. (Figure 5)
1
0
1
1
0
1
1
0
Figure 5. Slave address for software reset
All BD7844AEFV-LB on the bus can be reset at the same time by the slave address for software reset.
It is necessary to use the slave address for software reset with R/W=0. BD7844AEFV-LB doesn't recognize software
reset for R/W=1. Please refer to "3-2. Software reset" for details.
Take care: Because slave address [1011011] for software reset is a reserved address, It is not possible
to use it as a usual slave address.
Take care: Slave address [1011000] for all calls must not use as a usual slave address because it becomes
enable when power supply (VDD) is turned on.
Slave address for all call
Unavailable in address terminal
Slave address for software reset
Unavailable in address terminal
R/W


Similar Part No. - BD7844AEFV-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7844AEFV-E2 ROHM-BD7844AEFV-E2 Datasheet
332Kb / 14P
   LED Driver for Indicators and Signage
More results

Similar Description - BD7844AEFV-LBE2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
Linear Technology
LT8500 LINER-LT8500 Datasheet
624Kb / 10P
   48-Channel LED Driver with PWM Generator and Serial Interface
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
   High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
   16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
logo
Semtech Corporation
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
   High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
logo
Rohm
BU16501KS2 ROHM-BU16501KS2 Datasheet
920Kb / 32P
   LED Driver with I2C Compatible and 3-wire Serial Interface for 8횞16 LEDs in Dot Matrix
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com