Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C161PI-25TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT28C161PI-25TE13
Description  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C161PI-25TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT28C161PI-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT28C161PI-25TE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9-101
CAT25CXXX
Stock No. 21085-01 4/98
Advanced
Figure 2. WREN Instruction Timing
DEVICE OPERATION FOR THE MEMORY
FUNCTION
Write Enable and Disable
The CAT25CXXX contains a write enable latch. This
latch must be set before any write operation. The device
powers up in a write disable state when Vcc is applied.
WREN instruction will enable writes (set the latch) to the
device. WRDI instruction will disable writes (reset the
latch) to the device. Disabling writes will protect the
device against inadvertent writes.
READ Sequence
The part is selected by pulling
CS low. The 8-bit read
instruction is transmitted to the CAT25CXXX, followed
by the 16-bit address for 25C08X/16X/32X (only 10-bit
addresses are used for 25C08X, 11-bit addresses are
used for 25C16X, and 12-bit addresses are used for
25C32X. The rest of the bits are don't care bits) and 8-
bit address for 25C02X/04X (for the 25C04X, bit 3 of the
read data instruction contains address A8).
After the correct read instruction and address are sent,
the data stored in the memory at the selected address is
shifted out on the SO pin. The data stored in the memory
at the next address can be read sequentially by continu-
ing to provide clock pulses. The internal address pointer
is automatically incremented to the next higher address
SK
SI
CS
SO
00000
110
HIGH-Z
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION
WRITE Sequence
The CAT25CXXX powers up in a Write Disable state.
Prior to any write instructions, the WREN instruction
must be sent to CAT25CXXX. The device goes into
w rite enable state by pulling the
CS low and then
clocking the WREN instruction into CAT25CXXX. The
CS must be brought high after the WREN instruction to
enable writes to the device. If the write operation is
initiated immediately after the WREN instruction without
CS being brought high, the data will not be written to the
array because the write enable latch will not have been
properly set. Also, for a successful write operation the
address of the memory location(s) to be programmed
must be outside the protected address field location
selected by the block protection level.
after each byte of data is shifted out. When the highest
address is reached, the address counter rolls over to
0000H allowing the read cycle to be continued indefi-
nitely. The read operation is terminated by pulling the
CS
high. To read the status register, RDSR instruction
should be sent. The contents of the status register are
shifted out on the SO line. The status register may be
read at any time even during a write cycle.
Read
sequece is illustrated in Figure 4. Reading status register
is illustrated in Figure 5.


Similar Part No. - CAT28C161PI-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C161PI-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com