Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3571YFP-ME2 Datasheet(PDF) 9 Page - Rohm

Part # BD3571YFP-ME2
Description  High Voltage LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3571YFP-ME2 Datasheet(HTML) 9 Page - Rohm

Back Button BD3571YFP-ME2 Datasheet HTML 5Page - Rohm BD3571YFP-ME2 Datasheet HTML 6Page - Rohm BD3571YFP-ME2 Datasheet HTML 7Page - Rohm BD3571YFP-ME2 Datasheet HTML 8Page - Rohm BD3571YFP-ME2 Datasheet HTML 9Page - Rohm BD3571YFP-ME2 Datasheet HTML 10Page - Rohm BD3571YFP-ME2 Datasheet HTML 11Page - Rohm BD3571YFP-ME2 Datasheet HTML 12Page - Rohm BD3571YFP-ME2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Datasheet
Datasheet
9/17
TSZ02201-0T2T0AN00160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19.Sep.2013 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD357xYFP-M
BD357xYHFP-M
Series
Power Dissipation
Refer to the heat mitigation characteristics illustrated in Figure 20, 21 and 22 when using the IC in an environment where Ta
≥ 25 °C. The characteristics of the IC are greatly influenced by the operating temperature. If the temperature is in excess of
the maximum junction temperature Tjmax, the elements of the IC may be deteriorated or be damaged. It is necessary to give
sufficient consideration to the heat of the IC in view of two points, i.e., the protection of the IC from instantaneous damage
and the maintenance of the reliability of the IC in long-time operation.
In order to protect the IC from thermal destruction, it is necessary to operate the IC in temperatures not exceeding the
maximum junction temperature Tjmax. Figure 20 illustrates the power dissipation/heat mitigation characteristics for the
TO252-3 package. Operate the IC within the power dissipation (Pd) capabilities. The following method is used to calculate
the power consumption PC (W).
Where:
VCC is the input voltage.
VO is the output voltage.
IO is the load current.
ICC is the total supply current.
Pd is the power dissipation.
The load current IO is obtained to operate the IC within its power dissipation capacity.
(For more information about ICC, see Figure 15.)
The maximum load current Iomax for the applied voltage VCC can be calculated during the thermal design process.
0
0.4
1.2 W
0
0.8
1.2
1.6
2.0
25
50
75
100
125
150
IC mounted on a ROHM standard board
Substrate size: 70 mm x 70 mm x 1.6 mm
θja = 104.2 (°C / W)
Ambient Temperature: Ta [°C]
TO252-3
Figure 20
0
0.4
1.3W
0
0.8
1.2
1.6
2.0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
IC mounted on a ROHM standard board
Substrate size: 70 mm x 70 mm x 1.6 mm
θja = 96.2 (°C / W)
TO252-5
Figure 21
0
0.4
1.6 W
0
0.8
1.2
1.6
2.0
25
50
75
100
125
150
IC mounted on a ROHM standard board
Substrate size: 70 mm x 70 mm x 1.6 mm
θja = 78.1 (°C / W)
Ambient Temperature: Ta [°C]
HRP5
Figure 22


Similar Part No. - BD3571YFP-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3571YFP-ME2 ROHM-BD3571YFP-ME2 Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
More results

Similar Description - BD3571YFP-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com