Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD450M2WFP3-CE2 Datasheet(PDF) 3 Page - Rohm

Part # BD450M2WFP3-CE2
Description  200-mA 3.3-V or 5.0-V Output LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD450M2WFP3-CE2 Datasheet(HTML) 3 Page - Rohm

  BD450M2WFP3-CE2 Datasheet HTML 1Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 2Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 3Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 4Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 5Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 6Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 7Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 8Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Datasheet
Datasheet
3/34
TSZ02201-0T2T0AN00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.Oct.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD4xxM2-C
Series
●Pin Configurations
Figure 3. Pin Configuration
●Pin Descriptions
■BD433 / 450M2WEFJ-C
■BD433 / 450M2WFP3-C
Pin No.
Pin Name
Function
Pin No.
Pin Name
Function
1
VOUT
Output pin
1
VCC
Supply Voltage Input Pin
2
N.C.
Not Connected
2
CTL
Output Control Pin
3
N.C.
Not Connected
3
VOUT
Output Pin
4
N.C.
Not Connected
4 (FIN)
GND
Ground Pin
5
GND
Ground Pin
6
N.C.
Not Connected
7
CTL
Output Control Pin
8
VCC
Supply Voltage Input Pin
■BD433 / 450M2EFJ-C
■BD433 / 450M2FP3-C
Pin No.
Pin Name
Function
Pin No.
Pin Name
Function
1
VOUT
Output Pin
1
VCC
Supply Voltage Input Pin
2
N.C.
Not Connected
2
GND
Ground Pin
3
N.C.
Not Connected
3
VOUT
Output Pin
4
N.C.
Not Connected
4 (FIN)
GND
Ground Pin
5
GND
Ground Pin
6
N.C.
Not Connected
7
N.C.
Not Connected
8
VCC
Supply Voltage Input Pin
* N.C. Pin is recommended to short with GND.
* N.C. Pin can be open because it isn’t connect it inside of IC.
* Exposed die pad is need to be connected to GND.
HTSOP-J8
(Top View)
SOT223-4F
(Top View)
12
3
4 (FIN)


Similar Part No. - BD450M2WFP3-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD450M2WFP3-CE2 ROHM-BD450M2WFP3-CE2 Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
More results

Similar Description - BD450M2WFP3-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com