Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8023ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8023ARZ
Description  High Current Output, Triple Video Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD8023ARZ Datasheet HTML 1Page - Analog Devices AD8023ARZ Datasheet HTML 2Page - Analog Devices AD8023ARZ Datasheet HTML 3Page - Analog Devices AD8023ARZ Datasheet HTML 4Page - Analog Devices AD8023ARZ Datasheet HTML 5Page - Analog Devices AD8023ARZ Datasheet HTML 6Page - Analog Devices AD8023ARZ Datasheet HTML 7Page - Analog Devices AD8023ARZ Datasheet HTML 8Page - Analog Devices AD8023ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD8023
REV. A
–4–
Figure 4. Input Common-Mode Voltage Range vs.
Supply Voltage
Typical Performance Characteristics
METALIZATION PHOTO
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
–IN1
6
+IN
5
–IN3
9
+IN 3
10
–VS
11
+VS
4
DISABLE 3
3
DISABLE 2
2
DISABLE 1
1
+IN 2
12
0.0634
(1.61)
0.0713
(1.81)
7
OUT 1
8
OUT 3
–IN 2
13
14
OUT 2
Figure 5. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE –
Volts
8
0
7
4
3
2
1
6
5
28
3456
7
LOAD RESISTANCE –
14
13
6
10
10k
100
1k
10
9
8
7
12
11
VS = 7.5V


Similar Part No. - AD8023ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8023AR AD-AD8023AR Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023AR-REEL AD-AD8023AR-REEL Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023AR-REEL7 AD-AD8023AR-REEL7 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results

Similar Description - AD8023ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com