Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A04AEFV-M Datasheet(PDF) 5 Page - Rohm

Part # BD81A04AEFV-M
Description  4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A04AEFV-M Datasheet(HTML) 5 Page - Rohm

  BD81A04AEFV-M Datasheet HTML 1Page - Rohm BD81A04AEFV-M Datasheet HTML 2Page - Rohm BD81A04AEFV-M Datasheet HTML 3Page - Rohm BD81A04AEFV-M Datasheet HTML 4Page - Rohm BD81A04AEFV-M Datasheet HTML 5Page - Rohm BD81A04AEFV-M Datasheet HTML 6Page - Rohm BD81A04AEFV-M Datasheet HTML 7Page - Rohm BD81A04AEFV-M Datasheet HTML 8Page - Rohm BD81A04AEFV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/34
Datasheet
Datasheet
BD81A04AMUV-M
BD81A04AEFV-M
TSZ02201-0G3G0C600010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.Dec.2013 Rev.003
www.rohm.com
TSZ22111
・15・001
Electrical Characteristics (VCC=12V, Ta = Tj = -40°C to +125°C *Unless otherwise specified.) - continued
Parameter
Symbol
Limits
Unit
Conditions
Min
Normal
Max
[UVLO]
UVLO Detection Voltage
VUVLO
3.2
3.5
3.8
V
VCC : Sweep Down
UVLO Hysteresis Width
VUHYS
250
500
750
mV
VCC : Sweep Up, VREG>3.5V
[LED Output]
LED Current Relative
Dispersion
ILED1
-3
-
+3
%
ILED=50mA, Ta=25°C
∆ILED1=(ILED/ILED_AVG-1)×100
-5
-
+5
%
ILED=50mA, Ta=-40°C to +125°C
∆ILED1=(ILED/ILED_AVG-1)×100
LED Current Absolute
Dispersion
ILED2
-3
-
+3
%
ILED=50mA, Ta=25°C
∆ILED2=(ILED/50mA-1)×100
-5
-
+5
%
ILED=50mA, Ta=-40°C to +125°C
∆ILED2=(ILED/50mA-1)×100
ISET Voltage
VISET
0.9
1.0
1.1
V
RISET=100kΩ
PWM Minimum Pulse Width
TMIN
20
-
-
μs
FPWM=150Hz, ILED=100mA
PWM Maximum Duty
DMAX
-
-
100
%
FPWM=150Hz, ILED=50mA
PWM Frequency
fPWM
-
-
20
kHz
Duty=2%, ILED=50mA
[Protection Circuit]
LED Open Detection Voltage
VOPEN
0.2
0.3
0.4
V
VLED= Sweep Down
LED Short Detection Voltage
VSHORT
4.2
4.5
4.8
V
VLED= Sweep Up
LED Short Detection Latch
OFF Delay Time
tSHORT
70
100
130
ms
RRT=27kΩ
PWM Latch OFF Delay Time
tPWM
70
100
130
ms
RRT=27kΩ
SCP Latch OFF Delay Time
tSCP
70
100
130
ms
RRT=27kΩ
[Logic Input]
Input High Voltage
VINH
2.1
-
VREG
V
Input Low Voltage
VINL
GND
-
0.8
V
Input Current
IIN
15
50
100
μA
VIN=5V(EN,SYNC,PWM,LEDEN1,
LEDEN2)
[FAIL Output (Open Drain)]
FAIL Low Voltage
VOL
-
0.1
0.2
V
IOL=0.1
mA


Similar Part No. - BD81A04AEFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A04EFV-M ROHM-BD81A04EFV-M Datasheet
708Kb / 24P
   White LED Driver with Integrated FET for up to 32 LEDs
More results

Similar Description - BD81A04AEFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
BD81A76EFV-M ROHM-BD81A76EFV-M Datasheet
2Mb / 43P
   6ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
25.Nov.2021 Rev.004
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com