Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD80C0AFPS-LB Datasheet(PDF) 7 Page - Rohm

Part # BD80C0AFPS-LB
Description  Single-Output LDO Regulator 1A Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD80C0AFPS-LB Datasheet(HTML) 7 Page - Rohm

Back Button BD80C0AFPS-LB Datasheet HTML 3Page - Rohm BD80C0AFPS-LB Datasheet HTML 4Page - Rohm BD80C0AFPS-LB Datasheet HTML 5Page - Rohm BD80C0AFPS-LB Datasheet HTML 6Page - Rohm BD80C0AFPS-LB Datasheet HTML 7Page - Rohm BD80C0AFPS-LB Datasheet HTML 8Page - Rohm BD80C0AFPS-LB Datasheet HTML 9Page - Rohm BD80C0AFPS-LB Datasheet HTML 10Page - Rohm BD80C0AFPS-LB Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Datasheet
Datasheet
7/19
TSZ02201-0T2T0AN00100-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
27.Feb.2014 Rev.002
BD80C0AFPS-LB
BD90C0AFPS-LB
Figure 13. Circuit Current
Figure 14. Line Regulation
(Io=0mA)
Figure 15. Line Regulation
(Io=500mA)
Figure 16. Load Regulation
Typical Performance Curves - Continued
BD90C0AFPS-LB (Unless otherwise specified, Ta=25℃, Vcc=14V, Io=0mA)


Similar Part No. - BD80C0AFPS-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
   For Automotive 1A, 8.0V Output LDO Regulator
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results

Similar Description - BD80C0AFPS-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com