Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD71L4LHFV-1TR Datasheet(PDF) 4 Page - Rohm

Part # BD71L4LHFV-1TR
Description  CMOS Over Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD71L4LHFV-1TR Datasheet(HTML) 4 Page - Rohm

  BD71L4LHFV-1TR Datasheet HTML 1Page - Rohm BD71L4LHFV-1TR Datasheet HTML 2Page - Rohm BD71L4LHFV-1TR Datasheet HTML 3Page - Rohm BD71L4LHFV-1TR Datasheet HTML 4Page - Rohm BD71L4LHFV-1TR Datasheet HTML 5Page - Rohm BD71L4LHFV-1TR Datasheet HTML 6Page - Rohm BD71L4LHFV-1TR Datasheet HTML 7Page - Rohm BD71L4LHFV-1TR Datasheet HTML 8Page - Rohm BD71L4LHFV-1TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Datasheet
Datasheet
4/14
BD71L4L-1series
TSZ02201-0R7R0G300030-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
31.Jan.2014.Rev.004
www.rohm.com
TSZ22111・15・001
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
Isink[mA]
0.0
0.2
0.4
0.6
0.8
1.0
0.20.30.40.50.60.70.8
Supply Voltage:VDD[V]
0.0
1.0
2.0
3.0
4.0
5.0
012
34567
Supply Voltage : VDD[V]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
012
345
67
Supply Voltage : VDD[V]
Typical Performance Curves
【BD71L4LG-1】
Figure 2. Detection Voltage
【BD71L4L-1】
Figure 3. Circuit Current
【BD71L4L-1】
Figure 4. Low Output Voltage
VDD=4.0V
【BD71L4L-1】
Figure 5. Operating Voltage Range
Ta=25°C
Ta=0°C
Ta=60°C
Ta=25°C
Ta=0°C
Ta=60°C
【BD71L4L-1】
Ta=25°C
Ta=0°C
Ta=60°C
Ta=25°C
Ta=0°C
Ta=60°C


Similar Part No. - BD71L4LHFV-1TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
More results

Similar Description - BD71L4LHFV-1TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com