Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABM3C-13.560MHZ-J4- Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ABM3C-13.560MHZ-J4-
Description  CERAMIC SMD CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABM3C-13.560MHZ-J4- Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ABM3C-13.560MHZ-J4- Datasheet HTML 1Page - List of Unclassifed Manufacturers ABM3C-13.560MHZ-J4- Datasheet HTML 2Page - List of Unclassifed Manufacturers ABM3C-13.560MHZ-J4- Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABM3C
APPLICATIONS:
FEATURES:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
STANDARD SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Revised: 03.26.13
Visit
www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
5.0 x 3.2 x 1.3mm
• Low height; suitable for thin equipment.
• New seam sealed package available (code “C”)
• Tight tolerance and stability available.
• Suitable for RoHS compliant reflow profile
• High density applications.
• Modems, communication and test equipment.
• PMCIA, Wireless applications
Moisture Sensitivity Level – MSL – N/A (The ABM3C Series is a Hermetically Sealed device and not moisture sensitive)
ABM3C -
MHz - -
-
-
Frequency in MHz
Please specify the frequency
in MHz.
e.g. 14.31818MHz
Packaging
Blank: Bulk
T: Tape & Reel
Load Capacitance (pF)
Please specify CL in pF
or S for series
Freq. Stability
Y: ± 30 ppm
H: ± 35 ppm
A: ± 80 ppm
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
Freq. Tolerance
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
RoHS/RoHS II Compliant
CERAMIC SMD CRYSTAL
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
10.000
50.000
MHz
Fundamental
Operation Mode
Fundamental
Operating Temperature
-10
+70
ºC
See options
Storage Temperature
-40
+90
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
+50
ppm
See options
Equivalent series resistance (R1)
60
10.000 – 15.999MHz
50
16.000 – 50.000MHz
Shunt capacitance (C0)
7
pF
Load capacitance (CL)
18
pF
Standard (See options if
other than STD)
Drive Level
10
100
µW
Aging
-5
+5
ppm
@25°C±3°C
First year
Insulation Resistance
500
MΩ
@ 100Vdc ± 15V
ABM3C Series products with the Date Code/Traceability Code marking ending in “X” are Glass-Sealed and the following RoHS Exemption applies:
Pb in Glass, exemption 7C-I per RoHS II Directive 2011/65/EU Annex
ABM3C Series products with the Date Code/Traceability Code marking ending in “C” are Seam-Sealed and are Pb-Free.


Similar Part No. - ABM3C-13.560MHZ-J4-

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
   MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM3C ABRACON-ABM3C Datasheet
1Mb / 2P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
02.26.11
ABM3CAIG ABRACON-ABM3CAIG Datasheet
968Kb / 5P
   Automotive & Industrial Grade Glass-Sealed Ceramic Base SMD Crystal
ABM3C ABRACON-ABM3C_11 Datasheet
1Mb / 2P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
02.26.11
ABM3C ABRACON-ABM3C_15 Datasheet
1Mb / 2P
   CERAMIC SMD CRYSTAL
07.31.14
More results

Similar Description - ABM3C-13.560MHZ-J4-

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
   Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
   CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
Fox Electronics
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
   Ceramic SMD Crystal
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
   Ceramic SMD Crystal
FX425B-12.000 FOX-FX425B-12.000 Datasheet
196Kb / 2P
   Ceramic SMD Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com