Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACH32C-470-T001 Datasheet(PDF) 4 Page - TDK Electronics

Part # ACH32C-470-T001
Description  3-terminal Filters For power line ACH series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH32C-470-T001 Datasheet(HTML) 4 Page - TDK Electronics

  ACH32C-470-T001 Datasheet HTML 1Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 2Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 3Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 4Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 5Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 6Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 7Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 8Page - TDK Electronics ACH32C-470-T001 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(4/9)
001-01 / 20130722 / e9611_ach.fm
• All specifications are subject to change without notice.
EMC Components
Overview of the ACH Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - ACH32C-470-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH32C-470-T001 TDK-ACH32C-470-T001 Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ACH32C-470-T001 TDK-ACH32C-470-T001 Datasheet
117Kb / 7P
   3-teminal Filters
ACH32C-470-T001 TDK-ACH32C-470-T001 Datasheet
111Kb / 7P
   3-terminal Filters For power line
More results

Similar Description - ACH32C-470-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518 TDK-ACH4518 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
ACH32C-100-T001 TDK-ACH32C-100-T001_16 Datasheet
111Kb / 7P
   3-terminal Filters For power line
YFF-P TDK-YFF-P Datasheet
1Mb / 10P
   3-terminal Filters For Power Line
ACH3218-101-TD01 TDK-ACH3218-101-TD01 Datasheet
105Kb / 7P
   3-terminal Filters For power line
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF31HC TDK-YFF31HC Datasheet
134Kb / 5P
   3-terminal filters For large-current power line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
YFF15PC TDK-YFF15PC Datasheet
331Kb / 11P
   3-terminal filters Feedthrough filter for power line
YFF31AH TDK-YFF31AH Datasheet
147Kb / 6P
   3-terminal filters For automotive large-current power line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com