Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9E151NUX Datasheet(PDF) 3 Page - Rohm

Part # BD9E151NUX
Description  1ch Step-Down Switching Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E151NUX Datasheet(HTML) 3 Page - Rohm

  BD9E151NUX Datasheet HTML 1Page - Rohm BD9E151NUX Datasheet HTML 2Page - Rohm BD9E151NUX Datasheet HTML 3Page - Rohm BD9E151NUX Datasheet HTML 4Page - Rohm BD9E151NUX Datasheet HTML 5Page - Rohm BD9E151NUX Datasheet HTML 6Page - Rohm BD9E151NUX Datasheet HTML 7Page - Rohm BD9E151NUX Datasheet HTML 8Page - Rohm BD9E151NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/19
BD9E151NUX
TSZ02210-0Q3Q0AZ00160-1-2
© 2013 ROHM Co., Ltd. All rights reserved
2013.07.17 Rev.001
Datasheet
Datasheet
www.rohm.com
TSZ22111・15・001
Description of Blocks
1. Reference
This block generates reference voltage and current. It start operation by applying EN=H.
It provides reference voltage and current to error amplifier, oscillator, and etc.
2. REG
This is a gate drive voltage generator and 5.5V regulator for internal circuit power supply.
3. OSC
This is a precise wave oscillation circuit with operation frequency fixed to 600 kHz
4. Soft Start
This block does Soft Start to the output voltage of DC/DC converter, and prevents in-rush current during Start-up.
Soft Start Time set by the capacitor connected to SS pin and SS charge current is the time from EN Pin start-up
to reaching to 1.0V.
5. ERROR AMP
This is an error amplifier that detects output signal, and outputs PWM control signal. Internal reference voltage is set
to 1.0V. Connect phase compensation components between this pin and ground (ref. p.11).
6. OVP
The OVP circuit includes an overvoltage comparator to compare the FB pin voltage and internal thresholds. When the
FB pin voltage goes above 110%×FB, the high-side MOSFET will be forced off. When the FB pin voltage falls
below 105%, the high-side MOSFET will be enabled again.
7. ICOMP
The BD9E151NUX implements current mode control that uses the VC pin voltage to turn off the high-side MOSFET on a
cycle by cycle basis. Every cycle the switch current and the COMP pin voltage are compared; when the peak inductor
current intersects the VC pin voltage, the high-side switch is turned off. During overcurrent conditions that pull the output
voltage low, the error amplifier responds by driving the COMP pin high, causing the switch current to increase.
8. OCP
This is a circuit to protect the high-side FET from overcurrent. Every cycle the switch current and the reference voltage
of overcurrent protection are compared; when the peak inductor current intersects the reference voltage, the high-side
switch is turned off. Once overcurrent is detected, the device will stop and VC pin voltage will be reset and SS pin
voltage will be discharged by 2uA (hiccup operation). Then SS pin voltage reaches to less than 0.1V, IC will restart.
9. High-side MOSFET
This is a 30V/80mΩ high-side MOSFET that converts inductor current of DC/DC converter.
Because the current limiting of this FET is 1.6A included ripple current, please use at within1.6A.
10. UVLO
This is a low voltage error prevention circuit.
This prevents internal circuit error during increase of power supply voltage and during decline of power supply voltage.
It monitors VIN pin voltage and internal REG voltage, and when VIN voltage becomes 5.2V and below, it turns OFF all
output FET and turns OFF DC/DC comparator output and Soft Start circuit resets.
Now this Threshold has hysteresis of 200mV.
11. TSD
This is a heat protect circuit.
When it detects an abnormal temperature exceeding maximum junction temperature (Tj=150℃), it turns OFF all Output
FET, and turns OFF DC/DC converter output. When temperature falls, it automatically returns.
12. EN
When a Voltage of 2.4V or more is applied, it turns ON, at Open or 0V application, it turns OFF.
About 700kΩ Pull-down Resistance is contained within the Pin.


Similar Part No. - BD9E151NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
BD9E151ANUX-TR ROHM-BD9E151ANUX-TR Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
More results

Similar Description - BD9E151NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90640HFP-CTR ROHM-BD90640HFP-CTR Datasheet
3Mb / 44P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com