Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD00IC0MEFJ-LB Datasheet(PDF) 5 Page - Rohm

Part # BD00IC0MEFJ-LB
Description  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00IC0MEFJ-LB Datasheet(HTML) 5 Page - Rohm

  BD00IC0MEFJ-LB Datasheet HTML 1Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 2Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 3Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 4Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 5Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 6Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 7Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 8Page - Rohm BD00IC0MEFJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/21
BDxxIC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Typical Performance Curves
(Unless otherwise noted, EN=3V, VCC=3.3V, R1=16kΩ, R2=7.5kΩ)
Vo
200mV/div
Io
0.5A/div
Vo
200mV/div
Io
0.5A/div
Vo
200mV/div
Io
0.5A/div
Vo
200mV/div
Io
0.5A/div
Figure 6.
Transient Response
(1.0→0A)
Co=1µF,Ta=-40℃
Figure 5.
Transient Response
(0→1.0A)
Co=1µF,Ta=105℃
10usec/div
10usec/div
10usec/div
2msec/div
Figure 4.
Transient Response
(1.0→0A)
Co=1µF,Ta=25℃
Figure 3.
Transient Response
(0→1.0A)
Co=1µF,Ta=-40℃


Similar Part No. - BD00IC0MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00IC0MEFJ-ME2 ROHM-BD00IC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD00IC0MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com