Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMH1215S Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TMH1215S
Description  DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TMH1215S Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TMH1215S Datasheet HTML 1Page - Touchstone Semiconductor Inc TMH1215S Datasheet HTML 2Page - Touchstone Semiconductor Inc TMH1215S Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TMH Series, 2 Watt
Features
Single-in-line package (SIP)
Fully SMD-design
Isolated single and dual output
I/O isolation 1‘000 VDC
Highefficiencyupto83%
Industry standard pinout
100%burn-in(8h)
Lead free design, RoHS compliant
3-year product warranty
The TMH series are ultra miniature, isolated 2 Watt DC/DC-converters in a Single-
in-Line package (SIP). Requiring only 1.5 cm2 board space they offer the ideal
solution in many space critical applications for board level power distribution. The
use of SMD-technology makes it possible to offer a product with high performance
at low cost.
Ordercode
Input voltage
Output voltage
Output current max.
Efficiencytyp.
TMH 0505S
5 VDC
400 mA
76 %
TMH 0512S
12 VDC
165 mA
80 %
TMH 0515S
5VDC±10%
15 VDC
130 mA
80 %
TMH 0505D
±5 VDC
±200 mA
77 %
TMH 0512D
±12 VDC
±80 mA
79 %
TMH 0515D
±15 VDC
±65 mA
79 %
TMH 1205S
5 VDC
400 mA
78 %
TMH 1212S
12 VDC
165 mA
82 %
TMH 1215S
12VDC±10%
15 VDC
130 mA
83 %
TMH 1205D
±5 VDC
±200 mA
79 %
TMH 1212D
±12 VDC
±80 mA
82 %
TMH 1215D
±15 VDC
±65 mA
82 %
TMH 2405S
5 VDC
400 mA
77 %
TMH 2412S
12 VDC
165 mA
81 %
TMH 2415S
24VDC±10%
15 VDC
130 mA
82 %
TMH 2405D
±5 VDC
±200 mA
79 %
TMH 2412D
±12 VDC
±80 mA
81 %
TMH 2415D
±15 VDC
±65 mA
82 %
Models


Similar Part No. - TMH1215S

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMH1215S TRACOPOWER-TMH1215S Datasheet
805Kb / 4P
   DC/DC Converter TMH Series, 2 Watt
Rev. November 30, 2022
More results

Similar Description - TMH1215S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com