Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A97F8671 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A97F8671
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A97F8671 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A97F8671 Datasheet HTML 4Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 5Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 6Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 7Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 8Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 9Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 10Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 11Page - List of Unclassifed Manufacturers A97F8671 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
©
2000 GE Company
97F7500 Series SCR Commutation Capacitors
250 Volts Peak
The 97F7500 Series is a special purpose line designed for
applications where a large micro-farad value at low voltage is
required in a small size. The dielectric system is metallized
polyester. Typical applications are in SCR chopper circuits and
low-voltage ac filters. Refer to the Application Note on page 12
for assistance in the correct application of these capacitors.
Please note that previous offering of these capacitors was
with painted cases, to improve heat dissipation. The units
will no longer be painted as part of GE’s committment to
environmental programs. Please note the change in RMS
current ratings from previous catalogs.
SPECIFICATIONS
Available Capacitance Range:
25 to 200 µF
Capacitance Tolerance:
±
10%
Capacitance Variation with Temperature:
±3% from -20 °C to +80 °C
Rated Voltage:
250 V Peak. The rating is the Maximum Peak voltage permis
sible in either polarity.
Rated Current:
See Ratings Tables. The value given is for derating purposes
only.Refer to the Application Note on Page 12 to determine
the required derating. In no circumstances should the RMS
current rating of the terminals be exceeded.
Operating Temperature:
-40 °C to +70 °C
Storage Temperature:
-55 °C to +90 °C
Operating Life:
40,000 hours with 95% survival with proper derating
Dissipation Factor:
0.6% maximum
Case Material/Finish:
Oval Case & Cover: Aluminum
Unpainted case and cover
Terminations:
1/4 - 20 screw thread studs (60 A RMS maximum)
Dielectric Fluid:
Dielektrol VI
Internal Protection:
These capacitors do not contain an internal protection
mechanism. The user is responsible for ensuring that the
capacitors are correctly applied for safe use.
7


Similar Part No. - A97F8671

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A97F8671S ETC2-A97F8671S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
More results

Similar Description - A97F8671

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com