Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C8633 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT93C8633
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C8633 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT93C8633 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C8633 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9-88
Advanced Information
CAT93CXXXX
Stock No. 21084-01 2/98
INSTRUCTION SET
Instruction Device
Start Opcode
Address
Data
Comments
Type
Bit
x8
x16
x8
x16
READ
93C46XX
1
10
A6–A0
A5-A0
Read Address AN–A0
93C56XX(1)
1
10
A8–A0
A7-A0
93C66XX
1
10
A8–A0
A7-A0
93C57XX
1
10
A7-A0
A6-A0
93C86XX
1
10
A10-A0
A9-A0
ERASE
93C46XX
1
11
A6–A0
A5-A0
Clear Address AN–A0
93C56XX(1)
1
11
A8–A0
A7-A0
93C66XX
1
11
A8–A0
A7-A0
93C57XX
1
11
A7-A0
A6-A0
93C86XX
1
11
A10-A0
A9-A0
WRITE
93C46XX
1
01
A6–A0
A5-A0
D7-D0
D15-D0
Write Address AN–A0
93C56XX(1)
1
01
A8–A0
A7-A0
D7-D0
D15-D0
93C66XX
1
01
A8–A0
A7-A0
D7-D0
D15-D0
93C57XX
1
01
A7-A0
A6-A0
D7-D0
D15-D0
93C86XX
1
01
A10-A0
A9-A0
D7-D0
D15-D0
EWEN
93C46XX
1
00
11XXXXX
11XXXX
Write Enable
93C56XX
1
00
11XXXXXXX
11XXXXXX
93C66XX
1
00
11XXXXXXX
11XXXXXX
93C57XX
1
00
11XXXXXX
11XXXXX
93C86XX
1
00
11XXXXXXXXX 11XXXXXXXX
EWDS
93C46XX
1
00
00XXXXX
00XXXX
Write Disable
93C56XX
1
00
00XXXXXXX
00XXXXXX
93C66XX
1
00
00XXXXXXX
00XXXXXX
93C57XX
1
00
00XXXXXX
00XXXXX
93C86XX
1
00
00XXXXXXXXX 00XXXXXXXX
ERAL
93C46XX
1
00
10XXXXX
10XXXX
Clear All Addresses
93C56XX
1
00
10XXXXXXX
10XXXXXX
93C66XX
1
00
10XXXXXXX
10XXXXXX
93C57XX
1
00
10XXXXXX
10XXXXX
93C86XX
1
00
10XXXXXXXXX 10XXXXXXXX
WRAL
93C46XX
1
00
01XXXXX
01XXXX
D7-D0
D15-D0
Write All Addresses
93C56XX
1
00
01XXXXXXX
01XXXXXX
D7-D0
D15-D0
93C66XX
1
00
01XXXXXXX
01XXXXXX
D7-D0
D15-D0
93C57XX
1
00
01XXXXXX
01XXXXX
D7-D0
D15-D0
93C86XX
1
00
01XXXXXXXXX 01XXXXXXXX
D7-D0
D15-D0
Note:
(1) Address bit A8 for 256x8 ORG and A7 for 128x16 ORG are "Don't Care" bits, but must be kept at either a "1" or "0" for READ, WRITE and
ERASE commands.


Similar Part No. - CAT93C8633

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
More results

Similar Description - CAT93C8633

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com