Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THL10-4815WI Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THL10-4815WI
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL10-4815WI Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THL10-4815WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THL10-4815WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THL10-4815WI Datasheet HTML 3Page - Touchstone Semiconductor Inc THL10-4815WI Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
THL 10WI Series, 10 Watt
Features
10 Watt in 1” x 1” package
Shielded metal case with isolated
baseplate
Ultrawide 4:1 input voltage ranges
Remote On/Off control
Operating temp. range –40°C to +75°C
and up to +85°C with heat-sink
I/O isolation voltage 1500 VDC
Input filter meets EN 55022 class A
without external components
Cost optimized design
Industry standard pinout
3-year product warranty
The THL 10WI is a series of general purpose 10 Watt dc/dc-converters packed in
the compact 1” x 1” case and is a pin to pin replacement for the popular 1” x 2”
size products. The industrial standard pinout, the ultra wide 4:1 input voltage range
and the input filter that meets EN 55022 Class A without external components make
these converters easy to design in and suitable for to cost optimize many existing
and new applications.
The models have a remote On/Off control, short circuit and overvoltage protection
and are applicable in temperature ranges of up to +75°C or +85°C with optional
mounted heat sink. Typical applications are instrumentation, distributed power ar-
chitectures in communication and industrial electronics.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THL 10-2410WI
3.3 VDC
2200 mA
86 %
THL 10-2411WI
5.1 VDC
2000 mA
84 %
THL 10-2412WI
12 VDC
830 mA
86 %
THL 10-2413WI
9 – 36 VDC
15 VDC
660 mA
87 %
THL 10-2415WI
(24 VDC nominal)
24 VDC
410 mA
86 %
THL 10-2421WI
±5.0 VDC
±1000 mA
84 %
THL 10-2422WI
±12 VDC
±410 mA
86 %
THL 10-2423WI
±15 VDC
±330 mA
87 %
THL 10-4810WI
3.3 VDC
2200 mA
85 %
THL 10-4811WI
5.1 VDC
2000 mA
84 %
THL 10-4812WI
12 VDC
830 mA
86 %
THL 10-4813WI
18 – 75 VDC
15 VDC
660 mA
87 %
THL 10-4815WI
(48 VDC nominal)
24 VDC
410 mA
86 %
THL 10-4821WI
±5.0 VDC
±1000 mA
84 %
THL 10-4822WI
±12 VDC
±410 mA
86 %
THL 10-4823WI
±15 VDC
±330 mA
87 %
Models
CB
Scheme
UL 60950-1UL 60950-1
pen
din
g
226037


Similar Part No. - THL10-4815WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL10-4810 TRACOPOWER-THL10-4810 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
THL10-4811 TRACOPOWER-THL10-4811 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
THL10-4812 TRACOPOWER-THL10-4812 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
THL10-4813 TRACOPOWER-THL10-4813 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
More results

Similar Description - THL10-4815WI

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com