Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THM3WI Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THM3WI
Description  DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THM3WI Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THM3WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THM3WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THM3WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
DC/DC Converters
THM 3WI Series, 3 Watt
Features
Ultra wide 4:1 input voltage
I/O isolation 5000 VACrms rated for
250 working voltage
2 x MOPP Medical safety according to
AAMI/ANSI ES 60601-1:2005(R) and
IEC/EN 60601-1 3rd edition
Low leakage current <2 µA
Very high efficiency up to 87%
Extended operating temperature range
–40°C to 94°C at full load.
Input filter to meet EN55022 class A
3-year product warranty
The THM-3WI series is a range of high performance, regulated 3 Watt DC/DC
converters in a DIP-24 plastic package. The reinforced I/O-isolation system com-
plies with the medical safety requirements for MOPP (Means Of Patient Protection).
Together with a wide 4:1 input voltage range, and an internal EMI filter to meet
EN55022 class A the converters constitute also a reliable solution for many de-
manding applications such as transportation systems, industrial control equipments,
measurement equipments, and some IGBT driver applications. With A high efficien-
cy of up to 87% and highest grade components the converters can reliably operate
in an ambient temperature range of –40 up to +94°C at full load.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THM 3-0510WI
4.5 – 9 VDC
(5 VDC nominal)
3.3 VDC
1000 mA
81.0 %
THM 3-0511WI
5.0 VDC
600 mA
84.5 %
THM 3-0512WI
12 VDC
250 mA
85.0 %
THM 3-0513WI
15 VDC
200 mA
85.0 %
THM 3-0515WI
24 VDC
125 mA
85.5 %
THM 3-0521WI
±5.0 VDC
±300 mA
83.0 %
THM 3-0522WI
±12 VDC
±125 mA
86.0 %
THM 3-0523WI
±15 VDC
±100 mA
86.0 %
THM 3-2410WI
9 – 36 VDC
(12 VDC nominal)
3.3 VDC
1000 mA
82.0 %
THM 3-2411WI
5.0 VDC
600 mA
84.5 %
THM 3-2412WI
12 VDC
250 mA
87.0 %
THM 3-2413WI
15 VDC
200 mA
87.0 %
THM 3-2415WI
24 VDC
125 mA
87.0 %
THM 3-2421WI
±5.0 VDC
±300 mA
83.0 %
THM 3-2422WI
±12 VDC
±125 mA
86.5 %
THM 3-2423WI
±15 VDC
±100 mA
86.0 %
THM 3-4810WI
18 – 75 VDC
48 VDC nominal)
3.3 VDC
1000 mA
81.0 %
THM 3-4811WI
5.0 VDC
600 mA
83.0 %
THM 3-4812WI
12 VDC
250 mA
86.5 %
THM 3-4813WI
15 VDC
200 mA
87.0 %
THM 3-4815WI
24 VDC
125 mA
86.0 %
THM 3-4821WI
±5.0 VDC
±300 mA
83.0 %
THM 3-4822WI
±12 VDC
±125 mA
86.0 %
THM 3-4823WI
±15 VDC
±100 mA
86.0 %
Models
Page 1 of 3
ES 60601-1


Similar Part No. - THM3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM3WI TRACOPOWER-THM3WI Datasheet
977Kb / 5P
   DC/DC Medical Converter THM 3WI Series, 3 Watt
Rev. November 30, 2022
More results

Similar Description - THM3WI

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com