Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THL10-2410WI Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THL10-2410WI
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL10-2410WI Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THL10-2410WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THL10-2410WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THL10-2410WI Datasheet HTML 3Page - Touchstone Semiconductor Inc THL10-2410WI Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
DC/DC Converters
THL 10WI Series
10 Watt
Input Specifications
Input current at no load (at nominal input voltage)
24 V models: 30 mA typ.
48 V models: 20 mA typ.
Input current at full load (at nominal input voltage)
24 V; 3.3 VDC models: 400 mA typ.
24 V; other models: 500 mA typ..
48 V; 3.3 VDC models: 200 mA typ.
48 V; other models: 250 mA typ.
Start-up voltage / under voltage lockout
24 V models: 9 VDC / 8.5 VDC (or lower)
(hysteresis for assertive on)
48 V models: 18 VDC / 17 VDC (or lower)
(long term operation at undervoltage will
demage the converter!)
Surge voltage (1 sec. max.)
24 Vin models: 50 V max.
48 Vin models: 100 V max.
Conducted noise (input)
EN 55022 class A, FCC part 15, level A
without external components
Recommended input fuse (slow blow)
24 V models: 2000 mA
48 V models: 1000 mA
Output Specifications
Voltage set accuracy
±2 %
Regulation
– Input variation (Vmin – Vmax)
1.0 % max.
– Load variation
single output models: 1.2 % max. (15 – 100 % load)
dual output models: 2.0 % max. (15 – 100 % balanced load)
Minimum load
15 % of rated max. current (operation at lower
load condition will not damage the converters.
However, they may not meet all listed specifications)
Ripple and noise (20 MHz bandwidth)
60 mVp-p typ.
Temperature coefficient
±0.02 %/K
Output current limitation
>110 % of Iout max.
Short circuit protection
indefinite, automatic recovery
Transient response setting time
300 µs typ. (25 % load step change)
Maximum capacitive load
3.3 VDC models: 560 µF
5 VDC models: 560 µF
12 VDC models: 150 µF
15 VDC models: 150 µF
24 VDC models: 68 µF
±5.0 VDC models: 220 µF (each output)
±12 VDC models: 100 µF (each output)
±15 VDC models: 100 µF (each output)


Similar Part No. - THL10-2410WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL10-2410 TRACOPOWER-THL10-2410 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
More results

Similar Description - THL10-2410WI

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com