Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLSD12A151C Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD12A151C
Description  TVS/ESD Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD12A151C Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD12A151C Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD12A151C Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD12A151C Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD12A151C Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD12A151C Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD12A151C Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD12A151C Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TVS/ESD Arrays - RLSD12AxxxC Series
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Typical Characteristics
b
10,000
1,000
100
10
0.1
1
10
100
1,000
10,000
d h
5
0
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
110
Waveform
Parameters:
tr=8µs
td=20µs
td=t
Peak value Ipp
tr
|Ipp/2
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10 sec
PeakValue
IPPM
IPPM
2
TJ =25°C
PulseWidth(tp) is de ned
as the point where the peak
current decays to 50% of I PPM
10/1000 sec.Waveform
as de ned by R.E.A
td
t-Time (ms)
HalfValue
IPPM
( )
s Pulse Waveforms
s Pulse Waveforms
1000
100
1
0
0
0
1
0
1
1
10
100
Measured @ 50% VRWM
Measured @ ZERO BIAS
www.brightking.com
Revision:06-Jun-12


Similar Part No. - RLSD12A151C

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD32A RUILON-RLSD32A Datasheet
764Kb / 7P
   TVS/ESD Arrays
RLSD32A031C RUILON-RLSD32A031C Datasheet
728Kb / 7P
   TVS/ESD Arrays
RLSD32A031C RUILON-RLSD32A031C Datasheet
764Kb / 7P
   TVS/ESD Arrays
RLSD32A031LV RUILON-RLSD32A031LV Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLSD32A031LV RUILON-RLSD32A031LV Datasheet
801Kb / 7P
   TVS/ESD Arrays
More results

Similar Description - RLSD12A151C

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com