Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLST236A124V Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLST236A124V
Description  TVS/ESD Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLST236A124V Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  RLST236A124V Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd RLST236A124V Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TVS/ESD Arrays - RLST236AxxxV Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Package dimension SOT-23-6L
Dimensions
DIM
Inches
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.035
-
0.057
0.90
-
1.45
A
0.000
-
0.006
0.00
-
0.15
A2
0.035
0.045
0.051
0.90
1.15
1.30
b
0.010
-
0.020
0.25
-
0.50
c
0.003
-
0.009
0.08
-
0.22
D
0.110
0.114
0.122
2.80
2.90
3.10
E1
0.60
0.063
0.069
1.50
1.60
1.75
E
0.110 BSC
2.80 BSC
e
0.037 BSC
0.95 BSC
e1
0.075 BSC
1.90 BSC
L
0.012
0.018
0.024
0.30
0.45
0.60
L1
(0.024)
(0.60)
N
6
6
θ
-
10°
°
-
10°
aaa
0.004
0.10
bbb
0.008
0.20
ccc
0.008
0.20
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
SEE DETAIL
A1
A
A2
bxN
A
12
N
E
A
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
bbb
C A-B D
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
SEE DETAIL
A1
A
A2
bxN
A
12
N
E
A
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
bbb
C A-B D
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
SEE DETAIL
A1
A
A2
bxN
A
12
N
E
A
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
bbb
C A-B D
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
SEE DETAIL
A1
A
A2
bxN
A
12
N
E
A
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
bbb
C A-B D
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
SEE DETAIL
A1
A
A2
bxN
A
12
N
E
A
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
bbb
C A-B D
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW


Similar Part No. - RLST236A124V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST236A125C RUILON-RLST236A125C Datasheet
1Mb / 8P
   TVS/ESD Arrays
More results

Similar Description - RLST236A124V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com