Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C161PA-28TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT28C161PA-28TE13
Description  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C161PA-28TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT28C161PA-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT28C161PA-28TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
9-102
CAT25CXXX
Stock No. 21085-01 4/98
Advanced
Byte Write
Once the device is in a Write Enable state, the user may
proceed with a write sequence by setting the
CS low,
issuing a write instruction via the SI line, followed by the
16-bit address for 25C08X/16X/32X (only 10-bit ad-
dresses are used for 25C08X, 11-bit addresses are
used for 25C16X, and 12-bit addresses are used for
25C32X. The rest of the bits are don't care bits) and 8-
bit address for 25C02X/04X (for the 25C04X, bit 3 of the
read data instruction contains address A8). Program-
ming will start after the
CS is brought high. The low to
high transition of the
CS pin must occur during the SCK
low time, immediately after clocking the least significant
bit of the data. Figure 6 illustrates byte write sequence.
During an internal write cycle, all commands will be
ignored except the RDSR (Read Status Register) in-
struction.
The Status Register can be read to determine if the write
cycle is still in progress. If Bit 0 of the Status Register is
set at 1, write cycle is in progress. If Bit 0 is set at 0, the
device is ready for the next instruction.
Page Write
The CAT25CXXX features page write capability. After
the initial byte, the host may continue to write up to 16
bytes of data to the CAT25C02X/04X and 32 bytes of
data for 25C08X/16X/32X.
After each byte of data
received, lower order address bits are internally
incremented by one; the high order bits of address will
remain constant.The only restriction is that the X (X=16
for 25C02X/04X and X=32 for 25C08X/16X/32X) bytes
must reside on the same page. If the address counter
reaches the end of the page and clock continues, the
counter will “roll over” to the first address of the page
and overwrite any data that may have been written. The
CAT25CXXX is automatically returned to the write dis-
able state at the completion of the write cycle. Figure 8
illustrates
the
page
write
sequence.
To write to the status register, the WRSR instruction
should be sent. Only Bit 2, Bit 3 and Bit 7 of the status
register can be written using the WRSR instruction.
Figure 7 illustrates the sequence of writing to status
register.
Figure 4. Read Instruction Timing
SK
SI
CS
SO
RESET
0000001
1
BYTE ADDRESS*
0123456789
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
*Please check the instruction set table for address
Figure 3. WRDI Instruction Timing
SK
SI
CS
SO
0
0
0
0
010
0
HIGH-Z
25C128 F05


Similar Part No. - CAT28C161PA-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C161PA-28TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com