Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

316991-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 316991-6
Description  MULTILOCK Connectors and Contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

316991-6 Datasheet(HTML) 1 Page - Tyco Electronics

  316991-6 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
316991
- 6 Product Details
Languages
: English |
Deutsch | Español | Português (do Brasil)
| ??????? | Italiano
| ????
( ?? ) | ??
( ? ? ) | ???
Country Sites
: China | Japan
Home | Customer Support
| Supplier
| Site Map | Privacy Policy
| Browser Support
© 2007 Tyco Electronics Corporation All Rights Reserved
Home > Products > By Type > Product Feature Selector
> Product Details
No Image Available
316991
- 6
Active
MULTILOCK Connectors and Contacts
RoHS Compliant
(Statement of Compliance)
Product Highlights:
?
Housing Assembly
?
Receptacle (Cap)
?
Receptacle Configuration = 040
?
Number of Rows = 2
?
Number of Positions = 10
View all Features
Check Pricing &
Availability
Search for Tooling
Product Feature
Selector
Contact Us About
This Product
Quick Links
Documentation & Additional Information
Product Drawings:
?
10Pos CAP HOUSING ASS'Y .040II SERIES MULTILOCK 1/0 CON
(PDF, English)
Catalog Pages/Data Sheets:
?
None Available
Product Specifications:
?
040II/070II Multi Lock Connector MK
- II Type
(PDF, Japanese)
Application Specifications:
?
None Available
Instruction Sheets:
?
None Available
CAD Files:
?
None Available
List all Documents
Additional Information:
?
Product Line Information
Related Products:
?
Tooling
Product Features
(Please use the Product Drawing for all design activity)
Product Type Features:
?
Product Type
= Housing Assembly
?
Gender = Receptacle (Cap)
?
Receptacle Configuration
= 040
?
Number of Positions
= 10
?
PCB Mount Angle
= Right Angle
?
Mating Connector Lock
= Without
?
Mating Connector Number Positions
= 10, 20
?
Keyed = No
?
Proprietary Name = MULTILOCK
?
Product Series = 040II
Mechanical Attachment:
?
Panel Attachment
= Without
?
Panel Attachment Method
= Mounting Ear
Body Related Features:
?
Number of Rows
= 2
Contact Related Features:
?
Contact Material
= Brass
?
Contact Mating Area Plating
= Pre - Tin
Housing Related Features:
?
Housing Color
= Gray
?
Housing Material = PBT
Industry Standards:
?
RoHS/ELV Compliance
= RoHS compliant, ELV
compliant
?
Lead Free Solder Processes
= Wave solder
capable to 240°C
?
RoHS/ELV Compliance History = Always was
RoHS compliant
Conditions for Usage:
?
Terminate To
= Printed Circuit Board
Other:
?
Brand = AMP
Search By:
Part Number
Text
Tips
n
m
lk
ji
n
m
lk
j
Enter a complete or partial part number...
Go
Sign In
Products
Documentation
Resources
My Account
Customer Support
About Us


Similar Part No. - 316991-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3169 KR-3169 Datasheet
70Kb / 3P
   70 MHz Bandpass Filter
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3169 HEYCO-3169 Datasheet
120Kb / 1P
   Nylon Locknuts
logo
ASM GmbH
3169-20 ASM-SENSOR-3169-20 Datasheet
1Mb / 12P
   CLAMP ON POWER HiTESTER
More results

Similar Description - 316991-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
174922-1 ETC2-174922-1 Datasheet
26Kb / 1P
   .070 MULTILOCK Connectors Wire to wire Applications
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Tyco Electronics
1123387-1 MACOM-1123387-1 Datasheet
46Kb / 1P
   040III MULTILOCK CONNECTOR
logo
Amphenol Corporation
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
   D-Sub connectors - Stamped and Formed Contacts
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
   Contacts and Tools Crimp Contacts
logo
List of Unclassifed Man...
SC14M1TK6 ETC2-SC14M1TK6 Datasheet
955Kb / 2P
   Size 16 stamped and formed contacts for TRIM TRIO connectors
ZDB25P1AKN-146 ETC2-ZDB25P1AKN-146 Datasheet
233Kb / 5P
   Stamped contacts ZD* series connectors
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
logo
Japan Aviation Electron...
CJ4 JAE-CJ4 Datasheet
277Kb / 5P
   COAXIAL CONTACTS FOR D sub CONNECTORS
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com