Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2902YF-M Datasheet(PDF) 8 Page - Rohm

Part # BA2902YF-M
Description  Automotive Ground Sense Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902YF-M Datasheet(HTML) 8 Page - Rohm

Back Button BA2902YF-M Datasheet HTML 4Page - Rohm BA2902YF-M Datasheet HTML 5Page - Rohm BA2902YF-M Datasheet HTML 6Page - Rohm BA2902YF-M Datasheet HTML 7Page - Rohm BA2902YF-M Datasheet HTML 8Page - Rohm BA2902YF-M Datasheet HTML 9Page - Rohm BA2902YF-M Datasheet HTML 10Page - Rohm BA2902YF-M Datasheet HTML 11Page - Rohm BA2902YF-M Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Datasheet
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200510-1-2
TSZ22111・15・001
8/26
26.SEP.2012 Rev.002
BA2904Yxxx-M, BA2902Yxx-M
Fig.3
Supply Current – Supply Voltage
Fig.4
Supply Current – Ambient Temperature
Fig.5
Maximum Output Voltage – Supply Voltage
(RL=10k
Ω)
Fig.2
Derating Curve
●Typical Performance Curves
○BA2904Yxxx-M
(*)The above data is measurement value of
typical sample, it is not guaranteed.
0
10
20
30
40
0
10
203040
SUPPLY VOLTAGE [V]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
BA2904YF-M
BA2904YFVM-M
BA2904YFV-M
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
10203040
SUPPLY VOLTAGE [V]
25℃
125℃
-40℃
3V
32V
5V
25℃
-40℃
125℃


Similar Part No. - BA2902YF-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2902YF-ME2 ROHM-BA2902YF-ME2 Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
More results

Similar Description - BA2902YF-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com