Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM40S15E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM40S15E
Description  MPM-40E Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM40S15E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM40S15E Datasheet HTML 1Page - MicroPower Direct, LLC MPM40S15E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
Pin
Function
1
AC-Line
5
-VOUT
2
AC-Neutral
7
Trim
3+VOUT
Pin Connections
Model
Number
Input
Output
Capacitive
Load
(µF Max.)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
(A Max.)
Current
(% Min.)
115 VAC 230 VAC
MPM-40S-03E
0.860
0.460
3.3
8.000
10
60,000
78
MPM-40S-05E
0.860
0.460
5.0
8.000
10
40,000
82
MPM-40S-09E
0.860
0.460
9.0
4.444
10
7,200
84
MPM-40S-12E
0.860
0.460
12.0
3.333
10
9,000
84
MPM-40S-15E
0.860
0.460
15.0
2.666
10
6,600
84
MPM-40S-24E
0.860
0.460
24.0
1.666
10
2,000
84
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
1. It is recommended that an external fuse and NTC be used.The recommended
fuse is a 3.15A/250V slow blow and for the NTC, a 5D-9.
2. An external MOV is required on the input to protect the unit in the event of a
surge. A 561KD20 or equivalent is recommended.
3. Recommended output filtering capacitors are:
C1
C2
TVS
MPM-40S-03E
1.0 µF/50V
680 µF/10V
SMBJ7.0A
MPM-40S-05E
1.0 µF/50V
680 µF/10V
SMBJ7.0A
MPM-40S-09E
1.0 µF/50V
220 µF/25V
SMBJ12A
MPM-40S-12E
1.0 µF/50V
220 µF/25V
SMBJ20A
MPM-40S-15E
1.0 µF/50V
220 µF/25V
SMBJ20A
MPM-40S-24E
1.0 µF/50V
120 µF/35V
SMBJ30A
The output filtering capacitor (C2) is a high frequency,low resistance electrolytic
capacitor. Capacitor (C1) is ceramic. Voltage derating of capacitors should be
80% or above.
4. Input noise and surge suppression components are illustrated in the typical
board layout at left. Modules are available for a number of MPD AC/DC power
supplies that contain these components.For pricing or full technical information
on these modules (ACFM-01 and ACFM-02) or suggested EMI circuits , please
contact the factory.
Notes:
1. Operation at no load will not damage the units, however, they may not
meet all specifications.
2. Load regulation is measured for an output change of 10% to 100% at
nominal input line.
3. All units are rated for EN 55022 (CE/RE) class B without external components.
4. All units are rated for EN 61000-4-4 (±2 kV) and EN 61000-4-5 (±1k/±2 kV)
without external components. They will meet EN 61000-4-5 (±2 kV/ ±4 kV)
with additional input filtering as shown below.
5. It is recommended that a fuse be used on the input of a power supply for
protection. For the MPM-40S-xxE series, a 3.15A/250 VAC slow blow
should be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPM-40S-xxE series.Notes on this circuit (starting with the input circuit) are:
Typical Board Layout: With EMI Components (See note 4)


Similar Part No. - MPM40S15E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM40S15 MPD-MPM40S15 Datasheet
255Kb / 2P
   MPM-40 Series
More results

Similar Description - MPM40S15E

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
   TEN 40E Series, 40 Watt
Rev. November 30, 2022
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS_14 Datasheet
256Kb / 2P
   MPM-15IS Series
MPM-08MB MPD-MPM-08MB Datasheet
300Kb / 2P
   MPM-08MB Series
MPM-10IS MPD-MPM-10IS_14 Datasheet
288Kb / 2P
   MPM-10IS Series
MPM-60PB MPD-MPM-60PB Datasheet
298Kb / 2P
   MPM-60PB Series
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
   MPM-03 Series
MPM-15CM MPD-MPM-15CM_14 Datasheet
275Kb / 2P
   MPM-15CM Series
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
   MPM-20S Series
MPM-12EPB MPD-MPM-12EPB Datasheet
362Kb / 2P
   MPM-12EPB Series
MPM-15S MPD-MPM-15S_14 Datasheet
309Kb / 2P
   MPM-15S Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com