Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM40S05E Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM40S05E
Description  MPM-40E Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM40S05E Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM40S05E Datasheet HTML 1Page - MicroPower Direct, LLC MPM40S05E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
30.0
A Pk
230 VAC
50.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Standby Power
0.5
W
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
See Note 2
±1.0
%
Ripple & Noise (20 MHz)
50
100
mV P-P
Hold-Up Time
115 VAC
15
mSec
230 VAC
80
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Voltage Protection
Zener Diode Clamp
Overload Protection
Autorecovery
110
%W
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Sec
3,000
VAC
Isolation Resistance
500 VDC
100
M
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
EN 55022
Class B
Conducted Emissions
EN 55022
Class B
ESD
EN 61000-4-2
Criteria B; ±8 kV Air/±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 4
EN 61000-4-5
Criteria B; ±1 kV/ ±2 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFMF
EN 61000-4-8
Criteria A; 10A/m
Voltage Dips
EN 61000-4-11
Criteria B; 95% 5000 mS
Switching Frequency
65
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+70
°C
Operating Temperature Range
Case
+90
°C
Storage Temperature Range
-40
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
3.50 x 2.50 x 0.984 Inches (89.0 x 63.5 x 25.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
8.8 Oz (250g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
200
kHours
Safety Standards
EN 60950
Safety Class
IEC 61140 Class II
Low Cost, Encapsulated
Single Output, 40W
AC/DC Power Supplies
Key Features:
40W Output Power
Universal 85-264 VAC Input
EN 60950 Approved (UL)
Meets IEC Safety Class II
Industry Standard Pin-Out
Meets EN 55022 Class B
>200 kHour MTBF
Low Cost
MPM-40E Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPM40S05E

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM40S05 MPD-MPM40S05 Datasheet
255Kb / 2P
   MPM-40 Series
More results

Similar Description - MPM40S05E

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
   TEN 40E Series, 40 Watt
Rev. November 30, 2022
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS_14 Datasheet
256Kb / 2P
   MPM-15IS Series
MPM-08MB MPD-MPM-08MB Datasheet
300Kb / 2P
   MPM-08MB Series
MPM-10IS MPD-MPM-10IS_14 Datasheet
288Kb / 2P
   MPM-10IS Series
MPM-60PB MPD-MPM-60PB Datasheet
298Kb / 2P
   MPM-60PB Series
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
   MPM-03 Series
MPM-15CM MPD-MPM-15CM_14 Datasheet
275Kb / 2P
   MPM-15CM Series
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
   MPM-20S Series
MPM-12EPB MPD-MPM-12EPB Datasheet
362Kb / 2P
   MPM-12EPB Series
MPM-15S MPD-MPM-15S_14 Datasheet
309Kb / 2P
   MPM-15S Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com