Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM03S12 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM03S12
Description  MPM-03 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM03S12 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM03S12 Datasheet HTML 1Page - MicroPower Direct, LLC MPM03S12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
110
370
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
10.0
A Pk
230 VAC
20.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
See Note 1
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
See Note 3
±1.0
%
Ripple & Noise (20 MHz)
30
60
mV P-P
Hold-Up Time
230 VAC
50
mSec
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Temperature Protection
150
°C
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
See Note 4
EN 55022
Class A
Conducted Emissions
See Note 4
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±8 kV Air/±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 5
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 5
EN 61000-4-5
Criteria B; ±1 kV /±2 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFMF
EN 61000-4-8
Criteria A; 10A/m
Voltage Dips
EN 61000-4-11
Criteria B; 0% - 70%
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+70
°C
Operating Temperature Range
Case
+95
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.46 x 0.90 x 0.59 Inches (37.0 x 23.0 x 15.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.70 Oz (20g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
EN 60950
Safety Class
IEC 60536 Class II
Single Output, 3W
Ultra-Miniature DIP
AC/DC Power Supplies
Key Features:
3W Output Power
Universal 85-264 VAC Input
EN 60950 Approved (UL)
Meets IEC Safety Class II
Single Regulated Output
Meets EN 55022 Class A
>300 kHour MTBF
Ultra-Miniature “DIP” Case
MPM-03 Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPM03S12

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MPM00 SANKEN-MPM00 Datasheet
755Kb / 13P
   Io=3A non-isorated step-down DC/DC Converter module
MPM01 SANKEN-MPM01 Datasheet
562Kb / 12P
   Io=3A non-isorated step-down DC/DC Converter module
MPM01 SANKEN-MPM01 Datasheet
755Kb / 13P
   Io=3A non-isorated step-down DC/DC Converter module
MPM04 SANKEN-MPM04 Datasheet
562Kb / 12P
   Io=3A non-isorated step-down DC/DC Converter module
MPM04 SANKEN-MPM04 Datasheet
755Kb / 13P
   Io=3A non-isorated step-down DC/DC Converter module
More results

Similar Description - MPM03S12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS_14 Datasheet
256Kb / 2P
   MPM-15IS Series
MPM-08MB MPD-MPM-08MB Datasheet
300Kb / 2P
   MPM-08MB Series
MPM-10IS MPD-MPM-10IS_14 Datasheet
288Kb / 2P
   MPM-10IS Series
MPM-60PB MPD-MPM-60PB Datasheet
298Kb / 2P
   MPM-60PB Series
MPM-15CM MPD-MPM-15CM_14 Datasheet
275Kb / 2P
   MPM-15CM Series
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
   MPM-20S Series
MPM-40SE MPD-MPM-40SE Datasheet
382Kb / 2P
   MPM-40E Series
MPM-12EPB MPD-MPM-12EPB Datasheet
362Kb / 2P
   MPM-12EPB Series
MPM-15S MPD-MPM-15S_14 Datasheet
309Kb / 2P
   MPM-15S Series
MPM-25S MPD-MPM-25S_14 Datasheet
315Kb / 2P
   MPM-25S Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com