Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC03PI-TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24WC03PI-TE13
Description  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC03PI-TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC03PI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC03PI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CAT24WC03/05/09/17
3
Doc. No. 25063-00 2/98 S-1
Preliminary
A.C. CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
1.8V, 2.5V
4.5V-5.5V
Min.
Max.
Min.
Max.
Units
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time
200
200
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
1
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
50
50
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
Write Cycle Limits
Symbol
Parameter
Min.
Typ.
Max
Units
tWR
Write Cycle Time
10
ms
Power-Up Timing(1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Similar Part No. - CAT24WC03PI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC03PI-1.8TE13 CATALYST-CAT24WC03PI-1.8TE13 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
More results

Similar Description - CAT24WC03PI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com