Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8349TB Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8349TB
Description  LASER DIODE 1 650 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8349TB Datasheet(HTML) 6 Page - California Eastern Labs

  NX8349TB Datasheet HTML 1Page - California Eastern Labs NX8349TB Datasheet HTML 2Page - California Eastern Labs NX8349TB Datasheet HTML 3Page - California Eastern Labs NX8349TB Datasheet HTML 4Page - California Eastern Labs NX8349TB Datasheet HTML 5Page - California Eastern Labs NX8349TB Datasheet HTML 6Page - California Eastern Labs NX8349TB Datasheet HTML 7Page - California Eastern Labs NX8349TB Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NX8349TB
Chapter Title
R08DS0001EJ0100 Rev.1.00
Page 6 of 7
Jul 26, 2010
REFERENCE
Document Name
Document No.
Opto-Electronics Devices Pamphlet
*1
PX10160E
Notes: *1. Published by the former NEC Electronics Corporation.


Similar Part No. - NX8349TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8349TB RENESAS-NX8349TB Datasheet
211Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TB CEL-NX8349TB Datasheet
633Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TB CEL-NX8349TB_16 Datasheet
633Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results

Similar Description - NX8349TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8602BF-AA RENESAS-NX8602BF-AA_15 Datasheet
184Kb / 6P
   LASER DIODE 1 650 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX8602BF-AA CEL-NX8602BF-AA Datasheet
622Kb / 5P
   LASER DIODE 1 650 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX8369TS CEL-NX8369TS Datasheet
213Kb / 9P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX8601BF-AA RENESAS-NX8601BF-AA_15 Datasheet
185Kb / 6P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com