Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2318CDS-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2318CDS-T1-GE3
Description  N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2318CDS-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2318CDS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI2318CDS-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 67030
S10-2250-Rev. A, 04-Oct-10
www.vishay.com
3
Vishay Siliconix
Si2318CDS
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
VGS =10 V thru 4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
VGS =4.5 V
VGS =10V
I
D - Drain Current (A)
0
2
4
6
8
10
0123
456
ID =4.3 A
VDS =20V
VDS =10V
VDS =32V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.6
1.2
1.8
2.4
3.0
TC = 125 °C
TC = 25 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
90
180
270
360
450
0
5
10
15
20
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0.65
0.85
1.05
1.25
1.45
1.65
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V; ID =3.9 A
VGS =10V; ID =4.3 A
T
J - Junction Temperature (°C)


Similar Part No. - SI2318CDS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI2318CDS-T1-GE3 VBSEMI-SI2318CDS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
202Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI2318CDS-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com