Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C162U14A-30TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28C162U14A-30TE13
Description  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C162U14A-30TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28C162U14A-30TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C162U14A-30TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
9-95
CAT25CXXX
Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
FEATURES
s 10 MHz SPI Compatible
s 1.8 to 6.0 Volt Operation
s Hardware and Software Protection
s Zero Standby Current
s Low Power CMOS Technology
s SPI Modes (0,0 &1,1)
s Commercial, Industrial and Automotive
Temperature Ranges
s Active High or Low Reset Outputs
– Precision Power Supply Voltage Monitoring
– 5V, 3.3V, 3V and 1.8V Options
s Watchdog Timer on
CS
CS
CS
CS
CS
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s Self-Timed Write Cycle
s 8-Pin DIP/SOIC, 16-Pin SOIC and 14-Pin TSSOP
s Page Write Buffer
s Block Write Protection
– Protect 1/4, 1/2 or all of E2PROM Array
s Programmable Watchdog Timer
s Built-in inadvertent Write Protection
– V
CC Lock Out
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advanced
DESCRIPTION
The CAT25CXXX is a single chip solution to three
popular functions of EEPROM Memory, precision reset
controller and watchdog timer. The EEPROM Memory is
a 2K/4K/8K/16K/32K-Bit SPI Serial CMOS E2PROM
internally organized as 256x8/512x8/1024x8/2048x8/
4096x8 bits. Catalyst’s advanced CMOS Technology
substantially reduces device power requirements. The
2K/4K devices feature a 16-byte page write buffer. The
8K/16K/32K devices feature a 32-byte page write
buffer.The device operates via the SPI bus serial inter-
face and is enabled though a Chip Select (
CS). In
addition to the Chip Select, the clock input (SCK), data
in (SI) and data out (SO) are required to access the
device. The reset function of the 25CXXX protects the
system during brown out and power up/down condtions.
During system failure the watchdog timer feature pro-
tects the microcontroller with a reset signal. The
CAT25CXXX is designed with software and hardware
write protection features including Block Lock protec-
tion. The device is available in 8-pin DIP, 8-pin SOIC, 16-
pin SOIC and 14-pin TSSOP packages.
CS
NC
1
2
3
4
14
13
12
11
NC
NC
NC
5
6
710
9
8
NC
SCK
VSS
SI
NC
WP
VCC
RESET
/RESET
SO
15
16
NC
NC
PIN CONFIGURATION
DIP Package (P)
SOIC Package (S16)
TSSOP Package (U14)
SOIC Package (S)
VSS
SO
WP
VCC
RESET
/RESET
SCK
SI
1
2
3
4
8
7
6
5
CS
CS
WP
RESET
/RESET
VCC
NC
NC
NC
NC
SO
NC
NC
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SO
WP
CS
VCC
SCK
SI
1
2
3
4
8
7
6
5
VSS
RESET
/RESET


Similar Part No. - CAT28C162U14A-30TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C162U14A-30TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com