Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2690 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC2690
Description  Audio Frequency High Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2690 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC2690 Datasheet HTML 1Page - Fairchild Semiconductor KSC2690 Datasheet HTML 2Page - Fairchild Semiconductor KSC2690 Datasheet HTML 3Page - Fairchild Semiconductor KSC2690 Datasheet HTML 4Page - Fairchild Semiconductor KSC2690 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
0
1020304050607080
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
B=0mA
I
B
=1mA
I
B=2mA
I
B=3mA
I
B
=4mA
I
B=5mA
I
B
=6mA
I
B=7mA
I
B=8mA
I
B=9mA
I
B=10mA
Pulse Test
V
CE[V], COLLECTOR-EMITTER VOLTAGE
1E-3
0.01
0.1
1
10
1
10
100
1000
V
CE = 5V
Pulse Test
0.001
I
C[A], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 5 IB
Pulse Test
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
1
10
100
1000
1
10
100
1000
f = 1MHz
I
E = 0
V
CB[V], COLLECTOR-BASE VOLTAGE
0.01
0.1
1
1
10
100
1000
V
CE = 5V
Pulse Test
I
C[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
KSC2690A
V
CEO MAX
KSC2690 V
CEO
MAX
Diss
ipat
ion
Lim
ited
I
C
(max) Pulse
I
C(max) DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSC2690

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2690 SAMSUNG-KSC2690 Datasheet
210Kb / 6P
   NPN (AUDIO FREQUENCY, HIGH FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSC2690 FAIRCHILD-KSC2690 Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSC2690 FAIRCHILD-KSC2690 Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSC2690 FAIRCHILD-KSC2690 Datasheet
56Kb / 5P
   Audio Frequency High Frequency Power Amplifier
logo
Foshan Blue Rocket Elec...
KSC2690 FOSHAN-KSC2690 Datasheet
919Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results

Similar Description - KSC2690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2690 FAIRCHILD-KSC2690 Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSA2690 FAIRCHILD-KSA2690 Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSC2690AYSTU FAIRCHILD-KSC2690AYSTU Datasheet
56Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
logo
Samsung semiconductor
KSC2690 SAMSUNG-KSC2690 Datasheet
210Kb / 6P
   NPN (AUDIO FREQUENCY, HIGH FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
   Audio Frequency Amplifier High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945YBU FAIRCHILD-KSC945YBU Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com