Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32669 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 32669
Description  Wiha Quality Tools Toll Free: (800) 494-6104
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32669 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  32669 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
118
Item
No.
mm
Inch
Pkg. wt.
326 60 Z21018001
180
7.0
1.25
1 1/2
1
.35
326 61 Z21025001
250
10.0
1.75
2”
1
.67
326 63 Z21030001
300
12.0
2.0
2 1/4
1
1.21
Adjustable Pliers - Box Type DIN ISO 5745
10 different opening sizes provide optimal adjustment to objects being
gripped. Long durability achieved through additional induction hardening
of jaws to approx. 58-60 HRC. Chrome-vanadium tool steel, hardened
and tempered. Soft vinyl grips are oil and solvent resistant.
326
Item
No.
mm
Inch
Pkg. wt.
326 68 Z23025001
250
10.0
1 1/4
1 1/2
1
.72
Slide Lock Adjustable Pliers - Wiha QuickFix - Box Type
DIN ISO 8976 Super fast and easily adjusted pliers. Long durability
achieved through additional induction hardening of jaws to approx. 56
HRC. Finger jam protection for safe operation in all settings. Chrome-
vanadium tool steel, hardened and tempered. Soft vinyl grips.
326 68
• Open and slide to adjust opening size
• Audible click at each locking position
• Close to lock
• Fast push button jaw release
• Finger jam protection in all settings
Wiha Vinyl Grip Pliers & Cutters
Standard Adjustable Pliers
Slide Lock Adjustable Pliers - “QuickFix”
Capacities
Round
Hex
Item
No.
mm
Inch
Pkg. wt.
326 64 Z22018001
180
7.0
1.25
1 1/2
1
.35
326 65 Z22025001
250
10.0
1.75
2”
1
.67
326 67 Z22030001
300
12.0
2.0
2 1/4
1
1.21
Push Button Adjustable Water Pump Pliers - DIN ISO 8976
Extra narrow head for working in restricted spaces. Rapid and simple
push button setting and locking. Long durability achieved by additional
inductive hardening of gripper jaws to approx. 58-60 HRC. Finger jam
protection in all settings ensures safe operation. Chrome-vanadium tool
steel, hardened and tempered. Soft vinyl grips. For gripping and holding
pipes and angular profiles such as hex nuts in the installation area.
326
Rapid Adjustable - Push Button Pliers
Capacities
Round
Hex
Capacities
Round
Hex
Item#
32669 Set Includes:
wt. 2.2
32664 - Push Button Adjustable Water Pump Pliers - 7.0”
32665 - Push Button Adjustable Water Pump Pliers - 10.0”
32667 - Push Button Adjustable Water Pump Pliers - 12.0”
3 Pc. Push Button Set
Drop-forged from special tool steel, individually high frequency induction
hardened. Precision formed. Soft vinyl grips, oil & solvent resistant.
326 69
Item#
32670 Set Includes:
wt. 2.2
32660 - Adjustable Pliers, Box Type - 7.0”
32661 - Adjustable Pliers, Box Type - 10.0”
32663 - Adjustable Pliers, Box Type - 12.0”
3 Pc. Adjustable Pliers Set
Drop-forged from special tool steel, individually high frequency induction
hardened. Precision formed. Soft vinyl grips, oil & solvent resistant.
326 70
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 32669

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266 BOURNS-3266 Datasheet
156Kb / 2P
   Square Trimming Potentiometer
logo
Pomona Electronics
3266 POMONA-3266 Datasheet
38Kb / 1P
   Standard Banana Plug with #6-32 or #8-32 Screw
logo
Bourns Electronic Solut...
3266 BOURNS-3266 Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
3266 BOURNS-3266 Datasheet
106Kb / 1P
   Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3266 VATRONICS-3266 Datasheet
129Kb / 3P
   6mm Square Multi-Turn Trimmer Potentiometers
More results

Similar Description - 32669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71201 ETC2-71201 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
28143 ETC2-28143 Datasheet
122Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
31495 ETC2-31495 Datasheet
256Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
60116 ETC2-60116 Datasheet
206Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
71141 ETC2-71141 Datasheet
214Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
44222 ETC2-44222 Datasheet
379Kb / 1P
   Wiha Quality Tools
20011 ETC2-20011 Datasheet
129Kb / 1P
   Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
   Wiha Quality Tools
74309 ETC2-74309 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
60213 ETC2-60213 Datasheet
191Kb / 1P
   Wiha Quality Tools Wiha 3/8 Sockets & Sets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com