Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPL05S12E Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPL05S12E
Description  MPL-05SE Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL05S12E Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPL05S12E Datasheet HTML 1Page - MicroPower Direct, LLC MPL05S12E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
100
400
VDC
Input Frequency
47
63
Hz
Input Current
115 VAC
0.15
A
230 VAC
0.20
Inrush Current
115 VAC
20.0
A Pk
230 VAC
30.0
Leakage Current
5.0
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
See Model Selection Guide
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
IOUT = 10% to 100%
±1.5
%
Ripple & Noise (20 MHz)
3.3V, 24V Models
50
150
mV P-P
All Other Models
50
120
Hold-Up Time
115 VAC
20
mSec
230 VAC
80
Temperature Coefficient
±0.15
%/°C
Short Circuit Protection
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Switching Frequency
100
kHz
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
See Note 2
EN 55022
Class A
Conducted Emissions
See Note 2
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 3
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 4
EN 61000-4-5
Criteria B; ±2 kV /±4 kV
CS
EN 61000-4-6
Criteria A; 3 Vrms
PFMF
EN 61000-4-8
Criteria A; 10A/m
Voltage Dips
EN 61000-4-11
Criteria B; 0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
85
%
Physical
Case Size
1.65 x 0.43 x 1.06 Inches (42.0 x 11.0 x 27.0 mm)
Case Material
Non-Conductive Epoxy (UL94-V0)
Weight
0.35 Oz (10g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
EN 60950
Safety Class
IEC 61140 Class II
Single Output, 5W
Ultra-Miniature SIP
AC/DC Power Supplies
Key Features:
5W Output Power
Universal 85-264 VAC Input
EN 60950 Approved (UL)
Meets IEC Safety Class II
Single Regulated Output
Meets EN 55022 Class A
>300 kHour MTBF
Ultra-Miniature “SIP” Case
MPL-05SE Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPL05S12E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL015A2 FREESCALE-MPL015A2 Datasheet
124Kb / 8P
   Barometry (portable and desk-top) Weather Stations Industrial Equipment
MPL015A2T1 FREESCALE-MPL015A2T1 Datasheet
124Kb / 8P
   Barometry (portable and desk-top) Weather Stations Industrial Equipment
logo
Elektron Components Ltd...
MPL025 BULGIN-MPL025 Datasheet
1Mb / 24P
   Switches
MPL025 BULGIN-MPL025 Datasheet
99Kb / 1P
   Stainless Steel Low Profile Vandal Resistant - Latching
MPL027 BULGIN-MPL027 Datasheet
1Mb / 24P
   Switches
More results

Similar Description - MPL05S12E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
logo
National Semiconductor ...
FPD95320 NSC-FPD95320 Datasheet
215Kb / 2P
   320-Channel LTPS/CGS Driver with Partial Display Memory and MPL-1 Interface
logo
Texas Instruments
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
E-Tech Electronics LTD
GSCLM358 ETL-GSCLM358 Datasheet
265Kb / 4P
   D U A L O P E R AT I O N A L A MPL IFI ER
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com