Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML224MS12HI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # ML224MS12HI
Description  ML200MHI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML224MS12HI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  ML224MS12HI Datasheet HTML 1Page - MicroPower Direct, LLC ML224MS12HI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
2W Output Power
4 kVAC rms Isolation
Reinforced Insulation
Low Leakage Current
Compact SMT Case
Single & Dual Outputs
2.0 MH MTBF
Industry Standard Pin-Out
EN 60950 Approved
EN 60601 Approved
ML200MHI
Compact SMT, 2W
Medical Approved
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Leakage Current
2.0
µA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±4.0
%
Output Voltage Balance
Dual Outputs, Balanced Loads
±0.1
±1.0
%
Line Regulation
Vin = Min to Max
±1.2
±1.5
%
Load Regulation, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz), See Note 2
100
150
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
200
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, Rated
60 Seconds
4,000
VAC rms
Isolation Test Voltage
Flash Tested For 1 Sec
6,000
VPk
Reinforced Insulation Working Voltage
300
VAC
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
15
20
pF
Switching Frequency
50
80
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+80
°C
Operating Temperature Range
Case
+90
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.94 x 0.54 x 0.35 Inches (24.0 x 13.7 x 9.00 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.14 Oz (3.75g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Safety Approvals
UL 60601, UL 60950, EN 60601, EN 60950
Moisture Sensitivity Level
IPC/JEDEC J-STD-020C Level 2
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Internal Power Dissipation
All Models
650
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - ML224MS12HI

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240TB OKI-ML2240TB Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
MicroPower Direct, LLC
ML224D-12 MPD-ML224D-12 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224D-15 MPD-ML224D-15 Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
ML224DMR-12RI4 MPD-ML224DMR-12RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
More results

Similar Description - ML224MS12HI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com