Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF3048D12ERU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MF3048D12ERU
Description  MF3000ERU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MF3048D12ERU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MF3048D12ERU Datasheet HTML 1Page - MicroPower Direct, LLC MF3048D12ERU Datasheet HTML 2Page - MicroPower Direct, LLC MF3048D12ERU Datasheet HTML 3Page - MicroPower Direct, LLC MF3048D12ERU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
30W Output Power
4:1 Input Voltage Range
1,500 VDC Isolation
Single & Dual Outputs
Efficiency to 90%
Compact 1.6 x 2 Inch Case
-40°C to +85°C Operation
Industry Standard Pin-Out
Low Cost
MF3000ERU
Wide 4:1 Input, 30W
Single & Dual Output
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
75.0
Under Voltage Lockout
24 VDC Input
On
9.0
VDC
Off
7.8
48 VDC Input
On
17.8
Off
16.0
Input Filter
(Pi) Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Trim Range
±10
%
Line Regulation
VIN = Min to Max
±0.2
±0.5
%
Load Regulation
IOUT = 5% to 100%
±0.5
±1.0
%
Cross Regulation
See Note 1
±5.0
%
Ripple & Noise (20 MHz)
See Note 2
85
100
mV P - P
Transient Recovery Time, See Note 3
25% Load Step Change
300
500
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Over Power Protection
150
%IOUT
Output Short Circuit, See Note 4
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 0.1V
2,000
pF
Switching Frequency
400
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.0 x 1.60 x 0.465 Inches (50.8 x 40.6 x 11.8 mm)
Case Material
Aluminum Alloy With Non-Conductive Base (UL94-V0)
Weight
Without Heatsink
1.77 Oz (50g)
With Heatsink
2.48 Oz (70g)
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Unit On
See Note 5
2.5
12.0
VDC
Unit Off
See Note 5
0
1.2
VDC
Off Idle Current
1.0
mA
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MF3048D12ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MF3048D-05ERU(-H) MPD-MF3048D-05ERU(-H) Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MF3048D-12ERU(-H) MPD-MF3048D-12ERU(-H) Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MF3048D-15ERU(-H) MPD-MF3048D-15ERU(-H) Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com