Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD348D12ERW Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MD348D12ERW
Description  MD300ERW SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD348D12ERW Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MD348D12ERW Datasheet HTML 1Page - MicroPower Direct, LLC MD348D12ERW Datasheet HTML 2Page - MicroPower Direct, LLC MD348D12ERW Datasheet HTML 3Page - MicroPower Direct, LLC MD348D12ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Pin Section Tolerance x.xxx = ±0.004 (±0.100)
General Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Notes:
All dimensions are typical in inches (m
Pin Section Tolerance x.xxx = ±0.004
General Tolerance x.xx = ±0.01 (±0.25
Pin 1 is marked by a “dot” or indentation
Mechanical Dimensions
Pin
Single Output
1-VIN
2+VIN
3
Remote On/Off
5
No Connection
6+VOUT
7-VOUT
8CS
Pin
Dual Output
1-VIN
2+VIN
3
Remote On/Off
5
No Connection
6+VOUT
7
Common
8-VOUT
Pin Connections
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Typical Connection: With DCFM-02 Surge Suppression and Filter Modules, Single Output
Input noise and surge suppression modules are available for
a number of MPD DC/DC power supplies. An MD300xERW
connection with the DCFM-02 (noise suppression) module
connected to the input is shown in the diagrams below.
The recommended input capacitor (C1) is a 330 µF/50V
for 5, 12, and 24 VDC input models and 330 µF/100V for
48 VDC input units. The output capacitors (C2 & C3) are
100 µF. For pricing or full technical information on these modules (DCFM-01, DCFM-02 and DCFM-03) please contact the factory.
Typical Connection: With DCFM-02 Surge Suppression and Filter Modules, Dual Output


Similar Part No. - MD348D12ERW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MD3467 MOTOROLA-MD3467 Datasheet
70Kb / 1P
   Multiple Small-Signal Transistors
MD3467F MOTOROLA-MD3467F Datasheet
70Kb / 1P
   Multiple Small-Signal Transistors
More results

Similar Description - MD348D12ERW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com