Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF3024S05ERU Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MF3024S05ERU
Description  MF3000ERU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MF3024S05ERU Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MF3024S05ERU Datasheet HTML 1Page - MicroPower Direct, LLC MF3024S05ERU Datasheet HTML 2Page - MicroPower Direct, LLC MF3024S05ERU Datasheet HTML 3Page - MicroPower Direct, LLC MF3024S05ERU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
www.micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions
Mechanical Dimensions: With Optional Heatsink
Pin
Single Output
1+Vin
2-Vin
4
Remote On/Off
5
No Pin
6
+Vout
7
-Vout
8
Trim
Pin
Dual Output
1+Vin
2-Vin
4
Remote On/Off
5
+Vout
6
Common
7
-Vout
8
Trim
Pin Connections
For the heatsink option, add suffix “H” to the
model number (i.e. MF3048D-12ERU-H)


Similar Part No. - MF3024S05ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MF3024S-05ERU(-H) MPD-MF3024S-05ERU(-H) Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MF3024S-12ERU(-H) MPD-MF3024S-12ERU(-H) Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MF3024S-15ERU(-H) MPD-MF3024S-15ERU(-H) Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com