Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM12058BURUG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM12058BURUG
Description  LM12058C/DRG Series ??1.20 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12058BURUG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12058BURUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12058BURUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12058BURUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121803
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM12058CRG (Common Cathode Row)
LM12058DRG (Common Anode Row)
Selection Guide
1.20 inch 5x8 Red-Green LED dot matrix module, Matrix Height: 37.60mm(1.20 inch), External
Dimensions: 23.50x37.60x8.00mm (L x W x H)
Part No.
Chip
Iv(mcd)@20mA
One Dot
Description
Common
Cathode Row
Common
Anode Row
Material
Color
W LD
(nm)
Min.
Typ.
GaAlAs
Super Red
640
8
10
Standard
Brightness
LM12058CRG
LM12058BRG
GaP
Green
568
7
9
AlGaInP
Ultra Red
640
30
45
Ultra-High
Brightness
LM12058DURUG
LM12058BURUG
AlGaInP
Ultra
Green
573
30
45


Similar Part No. - LM12058BURUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12058BURUG LIGHTKEY-LM12058BURUG Datasheet
77Kb / 3P
   LM12058A/BRG Series ??1.20 inch 5x8 Dot Matrix LED Display
More results

Similar Description - LM12058BURUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12058ABRG LIGHTKEY-LM12058ABRG Datasheet
77Kb / 3P
   LM12058A/BRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12057EFRG LIGHTKEY-LM12057EFRG Datasheet
182Kb / 3P
   LM12057C/DRG Series -1.20 inch 5x7 Dual Color Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com