Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM12088AUR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM12088AUR
Description  LM12088C/D Series . 1.20 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12088AUR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12088AUR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12088AUR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12088AUR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121806
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
Common Cathode Row
Common Anode Row
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM12088AR
LM12088BR
GaAlAs
Super Red
640
8
10
LM12088AD
LM12088BD
GaAlAs
Hi-Red
640
18
25
LM12088AO
LM12088BO
GaAsP
Orange
625
7
9
LM12088AY
LM12088BY
GaAsP
Yellow
588
8
10
LM12088AG
LM12088BG
GaP
Green
568
7
9
LM12088AUR
LM12088BUR
AlGaInP
Ultra Red
640
30
45
LM12088AUO
LM12088BUO
AlGaInP
Ultra Orange
625
45
60
LM12088AUA
LM12088BUA
AlGaInP
Ultra Amber
65
30
45
LM12088AUY
LM12088BUY
AlGaInP
Ultra Yellow
595
30
45
LM12088AUG
LM12088BUG
AlGaInP
Ultra Green
573
30
45
LM12088APG
LM12088BPG
InGaN
Pure Green
525
120
300
LM12088AUB
LM12088BUB
InGaN
Ultra Blue
470
30
45
LM12088AUW
LM12088BUW
InGaN
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM12088AUR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12088AUR LIGHTKEY-LM12088AUR Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM12088AURUG LIGHTKEY-LM12088AURUG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
More results

Similar Description - LM12088AUR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM12288AB LIGHTKEY-LM12288AB Datasheet
165Kb / 3P
   LM12288A/B Series ??1.20 inch 8x8 Square Dot Matrix LED Display
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CD LIGHTKEY-LM12357CD Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com