Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB5048S15RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MB5048S15RU
Description  MB5000RU SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB5048S15RU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MB5048S15RU Datasheet HTML 1Page - MicroPower Direct, LLC MB5048S15RU Datasheet HTML 2Page - MicroPower Direct, LLC MB5048S15RU Datasheet HTML 3Page - MicroPower Direct, LLC MB5048S15RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
50W Output Power
4:1 Input Voltage Range
1,500 VDC Isolation
Very High Efficiency
Compact 1 x 2 Inch Case
Ten Standard Models
Remote ON/OFF Control
Industry Standard Pin-Out
MB5000RU
Compact, 1 x 2 Inch
50W, 4:1 Input Range
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
24 VDC Input
9.0
VDC
48 VDC Input
18.0
Input Shutdown Voltage
24 VDC Input
7.5
VDC
48 VDC Input
16.0
Start-Up Time, See Note 1
Nominal VIN, Constant Resistive Load
30
mS
Input Filter
LC Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation, See Note 2
±0.5
%
Ripple & Noise, See Note 3
3.3 & 5.0 VOUT Models
100
mV P - P
12, 15 & 24 VOUT Models
150
Transient Recovery Time, See Note 4
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Output Power Protection
Hiccup Mode
150
%
Over Temperature Protection
Shutdown Temperature
+110
°C
Output Short Circuit, See Note 5
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
2,200
pF
Switching Frequency
285
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range,
Ambient Without Heatsink
3.3 VOUT Models
-40
+25
+61
°C
12, & 15 VOUT Models
+53
5.0 & 24 VOUT Models
+46
Operating Temperature Range,
Ambient With Heatsink
3.3 VOUT Models
-40
+25
+69
°C
12, & 15 VOUT Models
+62
5.0 & 24 VOUT Models
+57
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.0 x 1.0 x 0.43 Inches (50.8 x 25.4 x 11.0 mm)
Case Material
Metal with Non-Conductive Base
Weight
1.20 Oz (34g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
233.5
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MB5048S15RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB5048S15RW MPD-MB5048S15RW Datasheet
1Mb / 4P
   MB5000RW SERIES
More results

Similar Description - MB5048S15RU

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com