Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB1048S12ERW Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MB1048S12ERW
Description  MB1000ERW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB1048S12ERW Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MB1048S12ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB1048S12ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB1048S12ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB1048S12ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Mechanical Dimensions
Pin
Single Output
Pin
Dual Output
1
+Vin
1
+Vin
2
-Vin
2
-Vin
3
+Vout
3
+Vout
4
No Pin
4
Common
5
-Vout
5
-Vout
6
Remote On/Off
6
Remote On/Off
Pin Connections
Typical Board Layout: With MDCFM-1B Surge Suppression and Filter Module
VIN
(VDC)
Input
Capacitor
VOUT
(VDC)
Output
Capacitor
12
330 µF/50V
3.3
10 µF
5
10 µF
24
330 µF/50V
12
10 µF
15
10 µF
48
330 µF/100V
24
10 µF
±5
±10 µF
±12
±10 µF
±15
±10 µF
±24
±10 µF
The diagram above illustrates a typical board layout of the MB1000ERW
series with a MDCFM-1B (EFT suppression module) connected to the input.
This module will substantially improve the EMS performance of the converter
while simplifying the overall circuit design. Values for the capacitors used
are given in the table at right.


Similar Part No. - MB1048S12ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1048S-03ERU MPD-MB1048S-03ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048S-05ERU MPD-MB1048S-05ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048S-12ERU MPD-MB1048S-12ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048S-15ERU MPD-MB1048S-15ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
MB1048S-24ERU MPD-MB1048S-24ERU Datasheet
846Kb / 4P
   Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com