Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

892H-1AC-V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 892H-1AC-V
Description  10mm slim miniature PCB Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

892H-1AC-V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  892H-1AC-V Datasheet HTML 1Page - List of Unclassifed Manufacturers 892H-1AC-V Datasheet HTML 2Page - List of Unclassifed Manufacturers 892H-1AC-V Datasheet HTML 3Page - List of Unclassifed Manufacturers 892H-1AC-V Datasheet HTML 4Page - List of Unclassifed Manufacturers 892H-1AC-V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SONG CHUAN
115
892
Operating extremes
10
55Hz , amplitude 1.5 mm
Vibration resistance
Damage limit
10
55Hz , amplitude 1.5 mm
Operating extremes
30G
Shock resistance
Damage limits
100G
10,000,000 operations
Mechanical
(frequency 18,000 operations/hr)
100,000 operations
Life expectancy
Electrical
(frequency 900 operations/hr)
Operating ambient temperature
-40°C
+85°C (no freezing)
Weight
Approx. 8g
Contact material
AgNi / Ag SnO alloy
Contact resistance
(1)
100m
Max. (1A/6VDC by 4 pipes m
meter)
Operate time
(1)
10ms Max.
Release time
(1)
5ms Max.
Insulation resistance
(1)
1000M
Min. (DC 500V)
Between open contact
: AC 1000V , 50/60Hz 1 min.
Dielectric strength
(1)
Between contact and coil : AC 4000V , 50/60Hz 1 min.
Note
(1) initial value
Specification
Safety Approval
High Sensitivity Type
Rated
Rated current
Coil resistance Max. continuous
Pick up
Drop out
Power consumption
voltage
10 % at 23°C
10 % at 23°C
voltage
voltage(Max.)
voltage(Min.)
at rated
(V)
(mA)
( )
at 85°C
at 23°C
at 23°C
voltage
3
66.7
45
5
40.0
125
6
33.3
180
170 % of
5 % of
9
22.2
405
rated
80 % of rated
voltage
(HN type or
1C type only)
rated
approx. 0.2W
12
16.7
720
voltage
75 % of
voltage
18
11.1
1620
rated
24
8.3
2880
voltage
36
5.6
6480
Certified
CSA / CUS
TUV
VDE
UL / CUL
File No.
1245129
R 50006512
40006318
E88991


Similar Part No. - 892H-1AC-V

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
892-000 GLENAIR-892-000 Datasheet
648Kb / 2P
   Circular Breakaway
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
   Circular Breakaway
More results

Similar Description - 892H-1AC-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
   Slim PCB Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com