Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F102NI-90T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28F102NI-90T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F102NI-90T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28F102NI-90T Datasheet HTML 1Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F102NI-90T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT28F102
5
Doc. No. 25038-0A 2/98 F-1
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
5108 FHD F04
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer.
(3)
Input Rise and Fall Times (10% to 90%) < 10 ns.
(4)
Input Pulse Levels = 0.45V and 2.4V. For high speed input pulse levels 0.0V and 3.0V.
(5)
Input and Output Timing Reference = 0.8V and 2.0V. For high speed input and output timing reference=1.5V.
(6)
Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid.
(7)
For Load and Reference Points see Figures 3 and 4
(8)
For Load and Reference Points see Figures 1 and 2
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
5108 FHD F03
Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5)
Figure 2. A.C. Testing Load Circuit (example)
Figure 3. High Speed A.C. Testing Input/Output Waveform(3)(4)(5)
JEDEC
Standard
28F102-45(7)
28F102-55(7) 28F102-70 (7) 28F102- 90 (8)
Symbol
Symbol
Parameter
Min.
Max.
Min. Max. Min.
Max.
Min.
Max
Unit
tAVAV
tRC
Read Cycle Time
45
55
70
90
ns
tELQV
tCE
CE Access Time
45
55
70
90
ns
tAVQV
tACC
Address Access Time
45
55
70
90
ns
tGLQV
tOE
OE Access Time
20
25
28
35
ns
tAXQX
tOH
Output Hold from Address
0
0
0
0
ns
OE/CE Chan
tGLQX
tOLZ(1)(6) OE to Output in Low-Z
0
0
0
0
ns
tELQX
tLZ(1)(6)
CE to Output in Low-Z
0
0
0
0
ns
tGHQZ
tDF(1)(2)
OE High to Output High-Z
15
15
18
20
ns
tEHQZ(1)(2)
-
CE High to Output High-Z
15
15
25
30
ns
tWHGL
Write Recovery Time Before
6
6
6
6
µs
Read
3V
0.0
A.C. CHARACTERISTICS, Read Operation
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
Figure 4. High Speed A.C. Testing Load Circuit (example)
V
CC = +5V ±10%, unless otherwise specified
1.5V
Vcc=5V+5%
30
Vcc=5V+5%


Similar Part No. - CAT28F102NI-90T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F102NI-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com